Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM25LV512 Datasheet (PDF) - ELAN Microelectronics Corp

EM25LV512 Datasheet PDF - ELAN Microelectronics Corp
Part # EM25LV512
Download  EM25LV512 Download

File Size   394.35 Kbytes
Page   30 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 512 K (64K x 8) Bits Serial Flash Memory

EM25LV512 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM25LV512 Datasheet PDF - ELAN Microelectronics Corp

Part # EM25LV512
Download  EM25LV512 Click to download

File Size   394.35 Kbytes
Page   30 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 512 K (64K x 8) Bits Serial Flash Memory

EM25LV512 Datasheet (HTML) - ELAN Microelectronics Corp

Back Button EM25LV512 Datasheet HTML 1Page - ELAN Microelectronics Corp EM25LV512 Datasheet HTML 2Page - ELAN Microelectronics Corp EM25LV512 Datasheet HTML 3Page - ELAN Microelectronics Corp EM25LV512 Datasheet HTML 4Page - ELAN Microelectronics Corp EM25LV512 Datasheet HTML 5Page - ELAN Microelectronics Corp EM25LV512 Datasheet HTML 6Page - ELAN Microelectronics Corp EM25LV512 Datasheet HTML 7Page - ELAN Microelectronics Corp EM25LV512 Datasheet HTML 8Page - ELAN Microelectronics Corp EM25LV512 Datasheet HTML 9Page - ELAN Microelectronics Corp EM25LV512 Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button 

EM25LV512 Product details

General Description

The EM25LV512 is a 512K bits Flash memory organized as 64K x 8 bits and uses a single voltage of 2.7-3.6V for Program and Erase. It features a typical 2ms Page-Program time and a typical 40ms Block-Erase time. The device uses status register to detect the completion of the Program or Erase operation. To protect against inadvertent write, the device has on-chip hardware and software data protection schemes. The device offers typical 100,000 cycles endurance and a greater than 10 years data retention. The EM25LV512 conforms to SPI Bus compatible Serial Interface. It consisted of four pins (serial clock, chip select, serial data in, and serial data out) that support high-speed serial data transfers of up to 33MHz.



Features

■ Single Power Supply

   • Full voltage range from 2.7 to 3.6 volts for both read and write operations

   • Regulated voltage range: 3.0 to 3.6 volts for both read and write operations

■ Small block Erase Capability Block: Uniform 32K bytes

■ Clock Rate

   • 33MHz (Maximum)

■ Power Consumption

   • Active Current: 4mA (Typical)

   • Power-down Mode Standby current: 1µA (Typical)

■ Page Program Features

   • Up to 256 Bytes in 2ms (Typical)

■ Erase Features

   • Block-Erase Time: 40ms (Typical)

   • Chip-Erase Time: 40ms (Typical)

■ Automatic Write Timing

   • Internal VPP Generation

■ SPI Bus Compatible Serial Interface

■ High Reliability:

   • Endurance cycles: 100K (Typical)

   • Data retention: 10 years

■ Package Option

   • 8-lead-SO (150 mil)



 




Similar Part No. - EM25LV512

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM25LV010 EMC-EM25LV010 Datasheet
399Kb / 30P
   1 Megabit (128K x 8) Serial Flash Memory
EM25LV010-25KGBS EMC-EM25LV010-25KGBS Datasheet
399Kb / 30P
   1 Megabit (128K x 8) Serial Flash Memory
EM25LV010-25MS EMC-EM25LV010-25MS Datasheet
399Kb / 30P
   1 Megabit (128K x 8) Serial Flash Memory
EM25LV010-25RKGBS EMC-EM25LV010-25RKGBS Datasheet
399Kb / 30P
   1 Megabit (128K x 8) Serial Flash Memory
EM25LV010-25RMS EMC-EM25LV010-25RMS Datasheet
399Kb / 30P
   1 Megabit (128K x 8) Serial Flash Memory
More results


Similar Description - EM25LV512

ManufacturerPart #DatasheetDescription
logo
Winbond
W39L040 WINBOND-W39L040 Datasheet
334Kb / 27P
   512 K X 8 CMOS FLASH MEMORY
logo
Eon Silicon Solution In...
EN29F512 EON-EN29F512 Datasheet
429Kb / 35P
   512 Kbit (64K x 8-bit) 5V Flash Memory
logo
AiT Semiconductor Inc.
A24C64 AITSEMI-A24C64 Datasheet
918Kb / 20P
   MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL
REV2.1
logo
SPANSION
MBM29F004TC-70 SPANSION-MBM29F004TC-70 Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
logo
Winbond
W29EE512 WINBOND-W29EE512 Datasheet
153Kb / 22P
   64K X 8 CMOS FLASH MEMORY
logo
Samsung semiconductor
K9K8G08U1M SAMSUNG-K9K8G08U1M Datasheet
1Mb / 41P
   512M x 8 Bits / 1G x 8 Bits NAND Flash Memory
logo
SPANSION
MBM29SL800TE-90 SPANSION-MBM29SL800TE-90 Datasheet
451Kb / 52P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TD-10 SPANSION-MBM29SL800TD-10 Datasheet
519Kb / 56P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
logo
Samsung semiconductor
K9T1G08U0M SAMSUNG-K9T1G08U0M Datasheet
888Kb / 38P
   128M x 8 Bits NAND Flash Memory
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com