Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9020-Q1 Datasheet (PDF) - Texas Instruments

TLV9020-Q1 Datasheet PDF - Texas Instruments
Part # TLV9020-Q1_V02
Download  TLV9020-Q1 Download

File Size   2782.39 Kbytes
Page   60 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family

TLV9020-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV9020-Q1 Datasheet PDF - Texas Instruments

Part # TLV9020-Q1_V02
Download  TLV9020-Q1 Click to download

File Size   2782.39 Kbytes
Page   60 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family

TLV9020-Q1 Datasheet (HTML) - Texas Instruments

Back Button TLV9020-Q1_V02 Datasheet HTML 1Page - Texas Instruments TLV9020-Q1_V02 Datasheet HTML 2Page - Texas Instruments TLV9020-Q1_V02 Datasheet HTML 3Page - Texas Instruments TLV9020-Q1_V02 Datasheet HTML 4Page - Texas Instruments TLV9020-Q1_V02 Datasheet HTML 5Page - Texas Instruments TLV9020-Q1_V02 Datasheet HTML 6Page - Texas Instruments TLV9020-Q1_V02 Datasheet HTML 7Page - Texas Instruments TLV9020-Q1_V02 Datasheet HTML 8Page - Texas Instruments TLV9020-Q1_V02 Datasheet HTML 9Page - Texas Instruments TLV9020-Q1_V02 Datasheet HTML 10Page - Texas Instruments Next Button 

TLV9020-Q1 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature range
– Device HBM ESD classification level 2
– Device CDM ESD classification level C6
• 1.65 V to 5.5 V supply range
• Power-On Reset (POR) for known start-up
• Precision input offset voltage 300 μV
• 100ns Typ propagation delay
• Low quiescent current 16 μA per channel
• Rail-to-Rail input voltage range exceeds the rails
• Open-drain output option (TLV902x-Q1)
• Push-pull output option (TLV903x-Q1)
• Alternate single pinout option (TLV90x0)
• 2 kV ESD Protection

2 Applications
• Automotive
– HEV/EV and power train
– Infotainment and cluster
– Body control module
• Industrial

3 Description
The TLV902x-Q1 and TLV903x-Q1 are a family
of Automotive grade dual and quad channel
comparators. The family offers low input offset
voltage, fault-tolerant inputs and a excellent speed-topower
combination with a propagation delay of 100
ns with a quiescent supply current of only 18 μA per
channel.
The family also includes a Power-on Reset (POR)
feature that ensures the output is in a known state
until the minimum supply voltage has been reached to
prevent output transients during system power-up and
power-down.
These comparators also feature fault-tolerant inputs
that can go up to 6-V without damage with no
output phase inversion. This makes this family
of comparators designed for precision voltage
monitoring in harsh, noisy environments.
The TLV902x-Q1 have an open-drain output that may
be pulled-up below or beyond the supply voltage,
making it appropriate for low voltage logic translators.
The TLV903x-Q1 have a push-pull output stage
capable of sinking and sourcing many milliamps of
current to drive LEDs or a capacitive load such as a
MOSFET gate.
The TLV90x0-Q1 and TLV90x1-Q1 are alternate
pinouts of the single device.
The family is specified for the Automotive temperature
range of -40°C to +125°C and are available in a
standard leaded and leadless packages.




Similar Part No. - TLV9020-Q1_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9020-Q1 TI-TLV9020-Q1_V01 Datasheet
2Mb / 59P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V03 Datasheet
2Mb / 60P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V04 Datasheet
2Mb / 61P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V05 Datasheet
2Mb / 66P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V06 Datasheet
2Mb / 66P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
More results


Similar Description - TLV9020-Q1_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9020-Q1 TI1-TLV9020-Q1_V03 Datasheet
2Mb / 60P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V04 Datasheet
2Mb / 61P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V06 Datasheet
2Mb / 66P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1 Datasheet
2Mb / 58P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V01 Datasheet
2Mb / 59P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V05 Datasheet
2Mb / 66P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020 TI1-TLV9020_V03 Datasheet
4Mb / 73P
[Old version datasheet]   TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
TLV9020 TI-TLV9020_V05 Datasheet
4Mb / 73P
[Old version datasheet]   TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
TLV9020 TI-TLV9020_V04 Datasheet
4Mb / 73P
[Old version datasheet]   TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
TLV9020 TI-TLV9020 Datasheet
4Mb / 67P
[Old version datasheet]   TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com