Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90096 Datasheet (PDF) - Fujitsu Component Limited.

MB90096 Datasheet PDF - Fujitsu Component Limited.
Part # MB90096
Download  MB90096 Download

File Size   367.72 Kbytes
Page   36 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description On-screen Display Controller

MB90096 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB90096 Datasheet PDF - Fujitsu Component Limited.

Part # MB90096
Download  MB90096 Click to download

File Size   367.72 Kbytes
Page   36 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description On-screen Display Controller

MB90096 Datasheet (HTML) - Fujitsu Component Limited.

Back Button MB90096 Datasheet HTML 1Page - Fujitsu Component Limited. MB90096 Datasheet HTML 2Page - Fujitsu Component Limited. MB90096 Datasheet HTML 3Page - Fujitsu Component Limited. MB90096 Datasheet HTML 4Page - Fujitsu Component Limited. MB90096 Datasheet HTML 5Page - Fujitsu Component Limited. MB90096 Datasheet HTML 6Page - Fujitsu Component Limited. MB90096 Datasheet HTML 7Page - Fujitsu Component Limited. MB90096 Datasheet HTML 8Page - Fujitsu Component Limited. MB90096 Datasheet HTML 9Page - Fujitsu Component Limited. MB90096 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button 

MB90096 Product details

■ DESCRIPTION
The MB90096 is a multi-scan on-screen display controller that supports horizontal sync signal frequencies of 15 kHz to 120 kHz.The on-screen display configuration is up to 32 characters x 16 lines. The character configuration is up to 24 dots x 32 dots for high resolution, ideal for wide-screen TV, HDTV, and high-resolution personal computer displays.

■ FEATURES
• Screen display capacity: Up to 32 characters x 16 lines (512 characters)
• Character configuration:
    L size: 24 dots (horizontal) x 2h * dots (vertical)
    M size: 18 dots (horizontal) x 2h * dots (vertical)
    S size: 12 dots (horizontal) x 2h * dots (vertical)
        *: h = 9 to 16
    • L, M, S sizes can be selected by individual character
    • Graphics characters can be displayed in L or S size only
    • Two h values can be set per screen, and either of the two can be selected for each line on the screen.
• Font types: 512 different fonts included (user selectable over entire screen)
• Display modes:
    Normal characters/graphic characters: (set for each character)
    Trimmed display (horizontal trimming/pattern back ground): (set for each screen)
    Character background (fill/shaded background): (set for each character)
    Line background (fill/shaded back ground): (set for each line)
    Enlarged (normal, double width, double height, double width x double height): (set for each line)
    Blinking: Blinking characters: (set for each character)
                   Blink period, duty ratio: (set for each screen)
• Sprite character display (graphics display only):
    Capable of displaying one block of characters (maximum 2 x 2 characters) on main screen.
    (Can move horizontally and vertically in 2-dot increments.)
    Setting applies to the first 256 characters only (character codes 000 to 0FFH).
• Background character display (graphics display only):
    Capable of displaying a repeated pattern (2 x 2 characters) on main screen.
    Setting applies to the first 256 characters only (character codes 000 to 0FFH).
• Display colors: Character/background colors: 16 colors each (set for each character)
    Line background/fill colors: 16 characters each (set for each line)
    Screen background colors: 16 colors (set for each screen)
    Graphics character dot colors: 16 colors (set for each dot)
    Shading background frame colors (highlight/shadow):
                                                           16 colors each (set for each screen)
• Display position control:
    Horizontal display start position:Set in 4-dot units (for each screen)
    Vertical display start position: Set in 4-dot units (for each screen)
    Line spacing control: Set in 2-dot units (for each line)
• Character/color signal output:
    ROUT, GOUT, BOUT, IOUT (color signals)
    VOB1 (OSD display period output signal)
    VOB2 (semi-transparent color period output signal)
• Command transfer function (macro service):
    Command table ROM, 16Kbyte included
• Compatible horizontal sync signal frequencies:
    15 kHz to 120 kHz (PLL circuit included)
• Microcontroller interface:
    16-bit serial input (3 signal input pins)
• Packages: SH-DIP-28, SOP-28
• Power supply voltage: +5 V




Similar Part No. - MB90096

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90091 FUJITSU-MB90091 Datasheet
406Kb / 46P
   Intelligent On-screen Display Controller (IOSDC)
MB90091A FUJITSU-MB90091A Datasheet
406Kb / 46P
   Intelligent On-screen Display Controller (IOSDC)
MB90091AP FUJITSU-MB90091AP Datasheet
406Kb / 46P
   Intelligent On-screen Display Controller (IOSDC)
MB90091APF FUJITSU-MB90091APF Datasheet
406Kb / 46P
   Intelligent On-screen Display Controller (IOSDC)
MB90092 FUJITSU-MB90092 Datasheet
568Kb / 49P
   ON-Screen Display Controller (OSDC-360)
More results


Similar Description - MB90096

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74787 SANYO-LC74787 Datasheet
216Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90099 FUJITSU-MB90099 Datasheet
1Mb / 36P
   On-Screen Display Controller
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com