Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDVCO015 Datasheet (PDF) - Teledyne Technologies Incorporated

TDVCO015 Datasheet PDF - Teledyne Technologies Incorporated
Part # TDVCO015
Download  TDVCO015 Download

File Size   679.99 Kbytes
Page   1 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description 13.32 GHz15.20 & 23.3227.34 GHz MMIC VCOs

TDVCO015 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDVCO015 Datasheet PDF - Teledyne Technologies Incorporated

Part # TDVCO015
Download  TDVCO015 Click to download

File Size   679.99 Kbytes
Page   1 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description 13.32 GHz15.20 & 23.3227.34 GHz MMIC VCOs

TDVCO015 Datasheet (HTML) - Teledyne Technologies Incorporated

TDVCO015 Datasheet HTML 1Page - Teledyne Technologies Incorporated

TDVCO015 Product details

Features
•Frequency Range:
TDVCO015: 13.32 - 15.20 GHz
TDVCO027: 23.32 – 27.34 GHz
•Typical Pout: +10 dBm
•Typical Phase Noise @ 100 kHz Offset:
TDVCO015: -115 dBc/Hz
TDVCO027: -98 dBc/Hz
•No External Resonator Needed
•Hermetic Ceramic 5 x 5 mm SMT Package: 25 mm²

General Description
The TDVCO015 & TDVCO027 are GaAs InGaP Heterojunction Bipolar Transistor (HBT) MMIC VCOs. The TDVCO015 & TDVCO027 integrate resonators, negative resistance devices, and varactor diodes. The phase noise performance is excellent over temperature, shock, and process due to the oscillator’s monolithic structure. Power output is +10 dBm typical from a +5V supply voltage. These VCOs are packaged in a hermetic ceramic QFN 5 x 5 mm surface mount package, requiring no external matching components.




Similar Part No. - TDVCO015

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
TDV DELTA-TDV Datasheet
556Kb / 3P
   VERTICAL 3-PHASE 3-WIRE FILTERS
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
   TWIN TIMER & DEFROSTING TIMER
TDVN-M3H FOTEK-TDVN-M3H Datasheet
196Kb / 1P
   TWIN TIMER & DEFROSTING TIMER
TDVN-M6 FOTEK-TDVN-M6 Datasheet
196Kb / 1P
   TWIN TIMER & DEFROSTING TIMER
TDVN-M6H FOTEK-TDVN-M6H Datasheet
196Kb / 1P
   TWIN TIMER & DEFROSTING TIMER
More results


Similar Description - TDVCO015

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC3531 TRANSCOM-TC3531 Datasheet
83Kb / 3P
   5.8 GHz 1W MMIC
logo
List of Unclassifed Man...
TC3151 ETC-TC3151 Datasheet
108Kb / 3P
   2.4 GHz 2W MMIC
logo
Transcom, Inc.
TC3133 TRANSCOM-TC3133 Datasheet
87Kb / 3P
   2.4 GHz 1W MMIC
TC3141 TRANSCOM-TC3141 Datasheet
89Kb / 3P
   2.4 GHz 2W MMIC
TC3131 TRANSCOM-TC3131 Datasheet
103Kb / 4P
   2.4 GHz 1W MMIC
logo
Analog Devices
ADF5709 AD-ADF5709 Datasheet
265Kb / 9P
   9.85 GHz to 20.5 GHz, Wideband, MMIC VCO
HMC1048ALC3B AD-HMC1048ALC3B Datasheet
373Kb / 15P
   2.25 GHz to 18 GHz, MMIC, Double Balanced Downconverter
HMC260A AD-HMC260A Datasheet
295Kb / 16P
   10 GHz to 26 GHz, GaAs, MMIC Fundamental Mixer
logo
Qorvo, Inc
RFUV1703 QORVO-RFUV1703 Datasheet
1Mb / 13P
   21 GHz to 26.5 GHz GaAs MMIC IQ Upco
logo
List of Unclassifed Man...
TC4541 ETC-TC4541 Datasheet
85Kb / 3P
   13.75 - 14.5 GHz 2W MMIC
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com