Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPRH10D40F Datasheet (PDF) - Transko Electronics, Inc.

TPRH10D40F Datasheet PDF - Transko Electronics, Inc.
Part # TPRH10D40F
Download  TPRH10D40F Download

File Size   734.28 Kbytes
Page   3 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description Power Inductor SMD (10.10 X 10.0 X 3.8 mm)

TPRH10D40F Datasheet (PDF)

Go To PDF Page Download Datasheet
TPRH10D40F Datasheet PDF - Transko Electronics, Inc.

Part # TPRH10D40F
Download  TPRH10D40F Click to download

File Size   734.28 Kbytes
Page   3 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description Power Inductor SMD (10.10 X 10.0 X 3.8 mm)

TPRH10D40F Datasheet (HTML) - Transko Electronics, Inc.

TPRH10D40F Datasheet HTML 1Page - Transko Electronics, Inc. TPRH10D40F Datasheet HTML 2Page - Transko Electronics, Inc. TPRH10D40F Datasheet HTML 3Page - Transko Electronics, Inc.

TPRH10D40F Product details

FEATURES
• Magnetic shielded
• Halogen Free RoHS compliant




Similar Part No. - TPRH10D40F

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TPRH10D40 FENGJUI-TPRH10D40 Datasheet
154Kb / 3P
   SMD POWER INDUCTOR-RoHS
TPRH10D40-100 FENGJUI-TPRH10D40-100 Datasheet
154Kb / 3P
   SMD POWER INDUCTOR-RoHS
TPRH10D40-101 FENGJUI-TPRH10D40-101 Datasheet
154Kb / 3P
   SMD POWER INDUCTOR-RoHS
TPRH10D40-150 FENGJUI-TPRH10D40-150 Datasheet
154Kb / 3P
   SMD POWER INDUCTOR-RoHS
TPRH10D40-151 FENGJUI-TPRH10D40-151 Datasheet
154Kb / 3P
   SMD POWER INDUCTOR-RoHS
More results


Similar Description - TPRH10D40F

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TCRB10145F TRANSKO-TCRB10145F Datasheet
764Kb / 3P
   Power Inductor SMD (10.10 X 10.10 X 4.50 mm)
Rev 1: 05-07-2019
TPRH10D50F TRANSKO-TPRH10D50F Datasheet
690Kb / 3P
   Power Inductor SMD (10.1 X 10.0 X 5.1 mm)
Rev 1: 05-04-2019
logo
TAI-SAW TECHNOLOGY CO.,...
TC0629A TAI-SAW-TC0629A Datasheet
160Kb / 6P
   1000.634MHz SMD 3.8 x 3.8 mm SAW Resonator
TC0648B TAI-SAW-TC0648B Datasheet
394Kb / 6P
   750 MHz SMD 3.8 x 3.8 mm SAW Resonator
logo
Murata Manufacturing Co...
SF2146D MURATA-SF2146D Datasheet
275Kb / 4P
   3.8 X 3.8 X 1.0 mm Surface Mount Case
logo
Transko Electronics, In...
TMPIC04020F TRANSKO-TMPIC04020F Datasheet
1Mb / 4P
   Power Inductor SMD (4.45 X 4.75 X 2.00 mm)
Rev 1: 05-09-2018
TMPIT07030AF TRANSKO-TMPIT07030AF Datasheet
368Kb / 4P
   Power Inductor SMD (6.6 X 6.4 X 3.1 mm)
Rev 1: 05-21-2020
TP0705BF TRANSKO-TP0705BF Datasheet
618Kb / 3P
   Power Inductor SMD (7.80 X 7.00 X 5.00 mm)
Rev 3: 09-11-2019
TPRH1207F TRANSKO-TPRH1207F Datasheet
664Kb / 3P
   Power Inductor SMD (12.0 X 12.0 X 8.0 mm)
Rev 1: 10-02-2018
TMPIC252012F TRANSKO-TMPIC252012F Datasheet
309Kb / 3P
   Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 02-04-2020
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com