Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC12149 Datasheet (PDF) - Motorola, Inc

MC12149 Datasheet PDF - Motorola, Inc
Part # MC12149
Download  MC12149 Download

File Size   169.1 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER

MC12149 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC12149 Datasheet PDF - Motorola, Inc

Part # MC12149
Download  MC12149 Click to download

File Size   169.1 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER

MC12149 Datasheet (HTML) - Motorola, Inc

Back Button MC12149 Datasheet HTML 1Page - Motorola, Inc MC12149 Datasheet HTML 2Page - Motorola, Inc MC12149 Datasheet HTML 3Page - Motorola, Inc MC12149 Datasheet HTML 4Page - Motorola, Inc MC12149 Datasheet HTML 5Page - Motorola, Inc MC12149 Datasheet HTML 6Page - Motorola, Inc MC12149 Datasheet HTML 7Page - Motorola, Inc MC12149 Datasheet HTML 8Page - Motorola, Inc MC12149 Datasheet HTML 9Page - Motorola, Inc MC12149 Datasheet HTML 10Page - Motorola, Inc Next Button 

MC12149 Product details

Low Power Voltage Controlled Oscillator Buffer



The MC12149 is intended for applications requiring high frequency signal generation up to 1300 MHz. An external tank circuit is used to determine the desired frequency of operation. The VCO is realized using an emitter–coupled pair topology. The MC12149 can be used with an integrated PLL IC such as the MC12202 1.1 GHz Frequency Synthesizer to realize a complete PLL sub–system. The device is specified to operate over a voltage supply range of 2.7 to 5.5 V. It has a typical current consumption of 15 mA at 3.0 V which makes it attractive for battery operated handheld systems.



NOTE: The MC12149 is NOT suitable as a crystal oscillator.



• Operates Up to 1.3 GHz

• Space–Efficient 8–Pin SOIC or SSOP Package

• Low Power 15 mA Typical @ 3.0 V Operation

• Supply Voltage of 2.7 to 5.5 V

• Typical 900 MHz Performance

  – Phase Noise –105 dBc/Hz @ 100 kHz Offset

  – Tuning Voltage Sensitivity of 20 MHz/V

• Output Amplitude Adjustment Capability

• Two High Drive Outputs With a Typical Range from –8.0 to –2.0 dBm

• One Low–Drive Output for Interfacing to a Prescaler



 




Similar Part No. - MC12149

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC12149 FREESCALE-MC12149 Datasheet
362Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
MC12149D FREESCALE-MC12149D Datasheet
362Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
LANSDALE Semiconductor ...
MC12149D LANSDALE-MC12149D Datasheet
1Mb / 12P
   Low Power Voltage Controlled Oscillator Buffer
MC12149D LANSDALE-MC12149D Datasheet
344Kb / 12P
   Low Power Voltage Controlled Oscillator Buffer
More results


Similar Description - MC12149

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12149 LANSDALE-ML12149_08 Datasheet
344Kb / 12P
   Low Power Voltage Controlled Oscillator Buffer
logo
Motorola, Inc
MC12147 MOTOROLA-MC12147 Datasheet
391Kb / 12P
   Low Power Voltage Controlled Oscillator Buffer
logo
LANSDALE Semiconductor ...
ML12149 LANSDALE-ML12149 Datasheet
1Mb / 12P
   Low Power Voltage Controlled Oscillator Buffer
logo
Freescale Semiconductor...
MC12149 FREESCALE-MC12149 Datasheet
362Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
Motorola, Inc
MC12148 MOTOROLA-MC12148 Datasheet
82Kb / 5P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com