Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGF4951A Datasheet (PDF) - Mitsubishi Electric Semiconductor

MGF4951A Datasheet PDF - Mitsubishi Electric Semiconductor
Part # MGF4951A
Download  MGF4951A Download

File Size   182.13 Kbytes
Page   4 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SUPER LOW NOISE InGaAs HEMT

MGF4951A Datasheet (PDF)

Go To PDF Page Download Datasheet
MGF4951A Datasheet PDF - Mitsubishi Electric Semiconductor

Part # MGF4951A
Download  MGF4951A Click to download

File Size   182.13 Kbytes
Page   4 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SUPER LOW NOISE InGaAs HEMT

MGF4951A Datasheet (HTML) - Mitsubishi Electric Semiconductor

MGF4951A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGF4951A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGF4951A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MGF4951A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor

MGF4951A Product details

DESCRIPTION
The MGF4951A/MGF4952A super-low noise HEMT (High Electron Mobility Transistor) is designed for use in C to K band amplifiers. The lead-less ceramic package assures minimum parasitic losses.

FEATURES
   Low noise figure @ f=12GHz
      MGF4951A : NFmin. = 0.40dB (Typ.)
      MGF4952A : NFmin. = 0.60dB (Typ.)
   High associated gain @ f=12GHz
      Gs = 12.0dB (Typ.)

APPLICATION
   C to K band low noise amplifiers




Similar Part No. - MGF4951A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF4951A MITSUBISHI-MGF4951A Datasheet
184Kb / 5P
   SUPER LOW NOISE InGaAs HEMT
MGF4951A MITSUBISHI-MGF4951A_04 Datasheet
184Kb / 5P
   SUPER LOW NOISE InGaAs HEMT
More results


Similar Description - MGF4951A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF4961B MITSUBISHI-MGF4961B Datasheet
111Kb / 4P
   SUPER LOW NOISE InGaAs HEMT
MGF4941AL MITSUBISHI-MGF4941AL Datasheet
124Kb / 6P
   SUPER LOW NOISE InGaAs HEMT
MGF431XG MITSUBISHI-MGF431XG Datasheet
33Kb / 3P
   Super Low Noise InGaAs HEMT
MGF4951A MITSUBISHI-MGF4951A_04 Datasheet
184Kb / 5P
   SUPER LOW NOISE InGaAs HEMT
MGF491XG MITSUBISHI-MGF491XG Datasheet
19Kb / 3P
   SUPER LOW NOISE InGaAs HEMT
MGF4910D MITSUBISHI-MGF4910D Datasheet
579Kb / 10P
   TAPE CARRIER SUPER LOW NOISE INGAAS HEMT
MGF4851A MITSUBISHI-MGF4851A Datasheet
136Kb / 5P
   SUPER LOW NOISE InGaAs HEMT (Leadless Ceramic Package)
MGF4953B MITSUBISHI-MGF4953B Datasheet
119Kb / 5P
   SUPER LOW NOISE InGaAs HEMT Leadless Ceramic Package
MGF4953A MITSUBISHI-MGF4953A Datasheet
205Kb / 5P
   SUPER LOW NOISE InGaAs HEMT (Leadless Ceramic Package)
MGF4910E MITSUBISHI-MGF4910E Datasheet
198Kb / 4P
   SUPER LOW MOISE InGaAs HEMT
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com