Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL800 Datasheet (PDF) - Zarlink Semiconductor Inc

WL800 Datasheet PDF - Zarlink Semiconductor Inc
Part # WL800
Download  WL800 Download

File Size   573.0 Kbytes
Page   12 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description 2.5GHz Frequency Synthesiser

WL800 Datasheet (PDF)

Go To PDF Page Download Datasheet
WL800 Datasheet PDF - Zarlink Semiconductor Inc

Part # WL800
Download  WL800 Click to download

File Size   573.0 Kbytes
Page   12 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description 2.5GHz Frequency Synthesiser

WL800 Datasheet (HTML) - Zarlink Semiconductor Inc

Back Button WL800 Datasheet HTML 1Page - Zarlink Semiconductor Inc WL800 Datasheet HTML 2Page - Zarlink Semiconductor Inc WL800 Datasheet HTML 3Page - Zarlink Semiconductor Inc WL800 Datasheet HTML 4Page - Zarlink Semiconductor Inc WL800 Datasheet HTML 5Page - Zarlink Semiconductor Inc WL800 Datasheet HTML 6Page - Zarlink Semiconductor Inc WL800 Datasheet HTML 7Page - Zarlink Semiconductor Inc WL800 Datasheet HTML 8Page - Zarlink Semiconductor Inc WL800 Datasheet HTML 9Page - Zarlink Semiconductor Inc WL800 Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button 

WL800 Product details

2.5GHz Frequency Synthesiser

The WL800 is a low power single chip frequency synthesiser. The circuit is fabricated on Zarlink Semiconductor HG process and operates from a supply voltage of 2.7 - 3.6V. It is designed to work with the Zarlink Semiconductor WL600C RF and IF circuit and the WL102 WLAN controller chip which together make up the DE6038 frequency hopping Wireless Local Area Network (WLAN) transceiver.

Features
• Low power consumption
• 2.5GHz input
• 144 frequencies, 1MHz steps (20MHz crystal)
• Forms complete phase locked loop using external VCO and loop components
• Serially programmed via 3 wire bus
• Contains anti-modulation circuit
• Part of DE6038 Chip-set (WL600C, WL102)




Similar Part No. - WL800

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
WL800 MITEL-WL800 Datasheet
150Kb / 11P
   2.5GHz Frequency Synthesiser
WL800KG MITEL-WL800KG Datasheet
150Kb / 11P
   2.5GHz Frequency Synthesiser
WL800KGTP1R MITEL-WL800KGTP1R Datasheet
150Kb / 11P
   2.5GHz Frequency Synthesiser
More results


Similar Description - WL800

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
WL800 MITEL-WL800 Datasheet
150Kb / 11P
   2.5GHz Frequency Synthesiser
logo
Zarlink Semiconductor I...
NJ8820 ZARLINK-NJ8820 Datasheet
493Kb / 11P
   FREQUENCY SYNTHESISER (PROM INTERFACE)
logo
Mitel Networks Corporat...
NJ88C33 MITEL-NJ88C33 Datasheet
155Kb / 11P
   Frequency Synthesiser (I2C BUS Programmable)
NJ88C50 MITEL-NJ88C50 Datasheet
209Kb / 15P
   Dual Low Power Frequency Synthesiser
logo
Zarlink Semiconductor I...
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
   Frequency Synthesiser (I2C BUS Programmable)
NJ88C22 ZARLINK-NJ88C22 Datasheet
217Kb / 7P
   Frequency Synthesiser with resettable counters
NJ88C50 ZARLINK-NJ88C50 Datasheet
523Kb / 17P
   Dual Low Power Frequency Synthesiser
logo
WALSIN TECHNOLOGY CORPO...
RFBPF2012100A6T WALSIN-RFBPF2012100A6T Datasheet
554Kb / 7P
   2.4 ~ 2.5GHz Working Frequency
logo
Zarlink Semiconductor I...
NJ88C25 ZARLINK-NJ88C25 Datasheet
197Kb / 8P
   FREQUENCY SYNTHESISER (MICROPROCESSOR SERIAL INTERFACE)
NJ88C24 ZARLINK-NJ88C24 Datasheet
126Kb / 6P
   Frequency Synthesiser with non-resettable counters
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com