Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL60404 Datasheet (PDF) - Zarlink Semiconductor Inc

ZL60404 Datasheet PDF - Zarlink Semiconductor Inc
Part # ZL60404
Download  ZL60404 Download

File Size   315.8 Kbytes
Page   9 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description 1.25 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor

ZL60404 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL60404 Datasheet PDF - Zarlink Semiconductor Inc

Part # ZL60404
Download  ZL60404 Click to download

File Size   315.8 Kbytes
Page   9 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description 1.25 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor

ZL60404 Datasheet (HTML) - Zarlink Semiconductor Inc

ZL60404 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL60404 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL60404 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL60404 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60404 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60404 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL60404 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL60404 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL60404 Datasheet HTML 9Page - Zarlink Semiconductor Inc

ZL60404 Product details

Description
The Fabry-Perot Laser Diode Receptacle type series is designed for use with SC, FC and ST type fiber connectors as source in telecom and datacom applications.
The ZL60404 is a 1310 nm MQW (Multiple Quantum Well) Fabry-Perot laser diode, integrated with a monitor diode.
The hermatically sealed package includes a ball lens for improved coupling efficiency.

Features
• Uncooled 1300 nm Fabry-Perot Laser Diode
• Wide operating temperature range -40°C to +85°C
• High reliability
• Built-in monitor diode
• 1.25 Gbps
• Ball lens or receptable type of packaging

Applications
• Fiber Channel and Gigabit Ethernet applications up to 1.25 Gbps
• Optical communications systems




Similar Part No. - ZL60404

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60401 ZARLINK-ZL60401 Datasheet
308Kb / 9P
   622 Mbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60401TBD ZARLINK-ZL60401TBD Datasheet
308Kb / 9P
   622 Mbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60401TDD ZARLINK-ZL60401TDD Datasheet
308Kb / 9P
   622 Mbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60401TED ZARLINK-ZL60401TED Datasheet
308Kb / 9P
   622 Mbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60401TFD ZARLINK-ZL60401TFD Datasheet
308Kb / 9P
   622 Mbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
More results


Similar Description - ZL60404

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60402 ZARLINK-ZL60402 Datasheet
308Kb / 9P
   2.5 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60401 ZARLINK-ZL60401 Datasheet
308Kb / 9P
   622 Mbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
logo
Emcore Corporation
G1033-201 EMCORE-G1033-201 Datasheet
423Kb / 3P
   10G 1310 nm Fabry-Perot Laser Chip
logo
Finisar Corporation.
FP-1310-5I-XXX FINISAR-FP-1310-5I-XXX Datasheet
377Kb / 7P
   1310 NM FABRY-PEROT LASER DIODE PIGTAILED PACKAGE
logo
JDS Uniphase Corporatio...
21065427 JDSU-21065427 Datasheet
86Kb / 4P
   Uncooled 1310 nm Fabry-Perot (FP) Source Laser in LC Transmitter Optical Sub-assembly (TOSA)
logo
Agilent(Hewlett-Packard...
81663A HP-81663A Datasheet
181Kb / 5P
   DFB Laser Fabry-Perot Lasers
logo
Optoway Technology Inc
FL-3300 OPTOWAY-FL-3300_09 Datasheet
128Kb / 4P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
logo
Finisar Corporation.
FP-1310-4I-LCB FINISAR-FP-1310-4I-LCB Datasheet
557Kb / 7P
   1310nm FABRY-PEROT (FP) LASER DIODE, LC TOSA
logo
Optoway Technology Inc
FL-3300 OPTOWAY-FL-3300 Datasheet
101Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3500 OPTOWAY-FL-3500 Datasheet
133Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com