Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3002-I/P Datasheet (PDF) - Microchip Technology

MCP3002-I/P Datasheet PDF - Microchip Technology
Part # MCP3002-I/P
Download  MCP3002-I/P Download
File Size   1031.44 Kbytes
Page   34 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface

MCP3002-I/P Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP3002-I/P Datasheet PDF - Microchip Technology

Part # MCP3002-I/P
Download  MCP3002-I/P Click to download

File Size   1031.44 Kbytes
Page   34 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface

MCP3002-I/P Datasheet (HTML) - Microchip Technology


MCP3002-I/P Product details

The MCP3002 is a successive approximation 10-bit
analog-to-digital (A/D) converter with on-board sample
and hold circuitry.
The MCP3002 is programmable to provide a single
pseudo-differential input pair or dual single-ended
inputs. Differential Nonlinearity (DNL) and Integral
Nonlinearity (INL) are both specified at ±1 LSB. Communication
with the device is done using a simple serial
interface compatible with the SPI protocol. The device
is capable of conversion rates of up to 200 ksps at 5V
and 75 ksps at 2.7V.
The MCP3002 operates over a broad voltage range,
2.7V to 5.5V. Low-current design permits operation with
a typical standby current of 5 nA and a typical active
current of 375 μA.
The MCP3002 is offered in 8-pin MSOP, PDIP, TSSOP
and 150 mil SOIC packages.
• 10-bit resolution
• ±1 LSB maximum DNL
• ±1 LSB maximum INL
• Analog inputs programmable as single-ended or
pseudo-differential pairs
• On-chip sample and hold
• SPI serial interface (modes 0,0 and 1,1)
• Single supply operation: 2.7V - 5.5V
• 200 ksps max sampling rate at VDD = 5V
• 75 ksps max sampling rate at VDD = 2.7V
• Low power CMOS technology:
- 5 nA typical standby current, 2 μA maximum
- 550 μA maximum active current at 5V
• Industrial temperature range: -40°C to +85°C
• 8-pin MSOP, PDIP, SOIC and TSSOP packages

Applications
• Sensor Interface
• Process Control
• Data Acquisition
• Battery Operated Systems




Similar Part No. - MCP3002-I/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3002-I/P MICROCHIP-MCP3002-I/P Datasheet
439Kb / 28P
2.7V Dual Channel 10-Bit A/D Converter with SPI??Serial Interface
2007
MCP3002-I/P MICROCHIP-MCP3002-I/P Datasheet
585Kb / 34P
2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
More results


Similar Description - MCP3002-I/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3201 MICROCHIP-MCP3201 Datasheet
377Kb / 20P
2.7V 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202 Datasheet
386Kb / 20P
2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
MCP3202 MICROCHIP-MCP3202_06 Datasheet
523Kb / 28P
2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2006
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3002 MICROCHIP-MCP3002_07 Datasheet
439Kb / 28P
2.7V Dual Channel 10-Bit A/D Converter with SPI??Serial Interface
2007
MCP3202 MICROCHIP-MCP3202_08 Datasheet
606Kb / 32P
2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3201 MICROCHIP-MCP3201_08 Datasheet
713Kb / 36P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3002 MICROCHIP-MCP3002_08 Datasheet
585Kb / 34P
2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com