Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGFC41V3642 Datasheet (PDF) - Mitsubishi Electric Semiconductor

MGFC41V3642 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # MGFC41V3642
Download  MGFC41V3642 Download

File Size   94.47 Kbytes
Page   2 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 3.6 - 4.2GHz BAND 12W INTERNALLY MATCHED GaAs FET?

MGFC41V3642 Datasheet (PDF)

Go To PDF Page Download Datasheet
MGFC41V3642 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # MGFC41V3642
Download  MGFC41V3642 Click to download

File Size   94.47 Kbytes
Page   2 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 3.6 - 4.2GHz BAND 12W INTERNALLY MATCHED GaAs FET?

MGFC41V3642 Datasheet (HTML) - Mitsubishi Electric Semiconductor

MGFC41V3642 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFC41V3642 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor

MGFC41V3642 Product details

DESCRIPTION
The MGFC41V3642 is an internally impedence matched GaAs power FET especially designed for use in 3.6 - 4.2 GHz band amplifiers. The hermetically sealed metal-ceramic package guarantees high raliability.

FEATURES
    Internally matched to 50ohm system
    High output power
        P1dB = 14W (TIP.) @ f=3.6 - 4.2 Hz
    High power gain
        GLP = 12.5 dB (TYP.) @ f=3.6 - 4.2 GHz
    High power added efficiency
        Eadd = 40 % (TYP.) @ f=3.6 - 4.2 GHz
    Low Distortion[Item-51]
        IM3=-45 dBc(TYP.)@Po=30dBm S.C.L.

APPLICATION
    item 01 : 3.6 - 4.2 GHz band power amplifier
    item 51 : 3.6 - 4.2 GHz band digital radio communication




Similar Part No. - MGFC41V3642

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC41V3642 MITSUBISHI-MGFC41V3642 Datasheet
221Kb / 2P
   3.6 - 4.2GHz BAND 12W INTERNALLY MATCHED GaAs FET
MGFC41V3642 MITSUBISHI-MGFC41V3642_04 Datasheet
221Kb / 2P
   3.6 - 4.2GHz BAND 12W INTERNALLY MATCHED GaAs FET
More results


Similar Description - MGFC41V3642

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC41V3642 MITSUBISHI-MGFC41V3642_04 Datasheet
221Kb / 2P
   3.6 - 4.2GHz BAND 12W INTERNALLY MATCHED GaAs FET
MGFC45V3642A MITSUBISHI-MGFC45V3642A_04 Datasheet
230Kb / 3P
   3.6 - 4.2GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFC45V3642A MITSUBISHI-MGFC45V3642A Datasheet
174Kb / 2P
   3.6 - 4.2GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFC44V3642 MITSUBISHI-MGFC44V3642_98 Datasheet
234Kb / 3P
   3.6-4.2GHz BAND 24W INTERNALLY MATCHED GaAs FET
MGFC44V3642 MITSUBISHI-MGFC44V3642 Datasheet
78Kb / 2P
   3.6-4.2GHz BAND 24W INTERNALLY MATCHED GaAs FET
MGFC39V3742A MITSUBISHI-MGFC39V3742A_04 Datasheet
184Kb / 2P
   3.7 ~ 4.2GHz BAND 8W INTERNALLY MATCHED GaAs FET
MGFC42V3742 MITSUBISHI-MGFC42V3742_04 Datasheet
208Kb / 2P
   3.7 ~ 4.2GHz BAND 16W INTERNALLY MATCHED GaAs FET
MGFC40V3742 MITSUBISHI-MGFC40V3742_04 Datasheet
208Kb / 2P
   3.7 ~ 4.2GHz BAND 10W INTERNALLY MATCHED GaAs FET
MGFC36V3742A MITSUBISHI-MGFC36V3742A Datasheet
103Kb / 2P
   3.7 - 4.2GHz BAND 4W INTERNALLY MATCHED GaAs FET
MGFC42V3742 MITSUBISHI-MGFC42V3742 Datasheet
89Kb / 2P
   3.7 - 4.2GHz BAND 16W INTERNALLY MATCHED GaAs FET
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com