Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3141E Datasheet (PDF) - Harris Corporation

CA3141E Datasheet PDF - Harris Corporation
Part # CA3141E
Download  CA3141E Download

File Size   33.16 Kbytes
Page   4 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description High-Voltage Diode Array For Commercial, Industrial and Military Applications

CA3141E Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3141E Datasheet PDF - Harris Corporation

Part # CA3141E
Download  CA3141E Click to download

File Size   33.16 Kbytes
Page   4 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description High-Voltage Diode Array For Commercial, Industrial and Military Applications

CA3141E Datasheet (HTML) - Harris Corporation

CA3141E Datasheet HTML 1Page - Harris Corporation CA3141E Datasheet HTML 2Page - Harris Corporation CA3141E Datasheet HTML 3Page - Harris Corporation CA3141E Datasheet HTML 4Page - Harris Corporation

CA3141E Product details

Description
The CA3141E High Voltage Diode Array Consists of ten general purpose high reverse breakdown diodes. Six diodes are internally connected to form three common cathode diode pairs, and the remaining four diodes are internally connected to form two common anode diode pairs. Integrated circuit construction assures excellent static and dynamic matching of the diodes, making the CA3141 extremely useful for a wide variety of applications in communications and switching systems.

Features
• Matched Monolithic Construction
    - VF Match (Each Diode Pair). . . . 0.55mV At IF = 1mA
• Low Diode Capacitance. . . . . . . 0.3pF (Typ) at VR = 2V
• High Diode-to-Substrate Breakdown. . . . . . . . . 30V (Min)
• Low Reverse (Leakage) Current . . . . . . . 100nA (Max)

Applications
• Balanced Modulators or Demodulators
• Analog Switches
• High-Voltage Diode Gates
• Current Ratio Detectors




Similar Part No. - CA3141E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3141E INTERSIL-CA3141E Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
More results


Similar Description - CA3141E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
logo
Harris Corporation
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA741 INTERSIL-CA741_01 Datasheet
144Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
CA741 INTERSIL-CA741 Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
More results




About Harris Corporation


Harris Corporation was a Florida-based technology company that specialized in communications and information technology. The company was founded in 1895 and went through several iterations over the years, including mergers and acquisitions.

In 2019, Harris Corporation merged with L3 Technologies to form L3Harris Technologies, which is now one of the largest defense companies in the world. The company provides a wide range of products and services in the areas of aerospace, defense, communications, and intelligence.

Some of Harris Corporation's previous areas of focus included tactical radios, satellite communications systems, air traffic control systems, and cybersecurity solutions. The company's customers included the U.S. military, government agencies, and commercial organizations around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com