Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5TU128M8GE Datasheet (PDF) - Nanya Technology Corporation.

NT5TU128M8GE Datasheet PDF - Nanya Technology Corporation.
Part # NT5TU128M8GE
Download  NT5TU128M8GE Download
File Size   2538.15 Kbytes
Page   92 Pages
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.
Description 1Gb DDR2 SDRAM

NT5TU128M8GE Datasheet (PDF)

Go To PDF Page Download Datasheet
NT5TU128M8GE Datasheet PDF - Nanya Technology Corporation.

Part # NT5TU128M8GE
Download  NT5TU128M8GE Click to download

File Size   2538.15 Kbytes
Page   92 Pages
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.
Description 1Gb DDR2 SDRAM

NT5TU128M8GE Datasheet (HTML) - Nanya Technology Corporation.


NT5TU128M8GE Product details

Feature
 VDD=VDDQ=1.8V ± 0.1V Voltage
JEDEC standard 1.8V I/O (SSTL_18 compatible)
 8 internal memory banks
 Programmable CAS Latency:
3, 4, 5 (-3C/3CI, -AC/ACI/ACL, -BE, -BD);
6 (-AC/ACI/ACL, -BE, -BD);
7 (-BE, -BD)
 Programmable Additive Latency: 0, 1, 2, 3, 4 5
 Write Latency = Read Latency -1
 Programmable Burst Length:
 4 and 8 Programmable Sequential / Interleave Burst
 OCD (Off-Chip Driver Impedance Adjustment)
 ODT (On-Die Termination)
 4n-bit prefetch architecture
 Data-Strobes: Bidirectional, Differential
 Support Industrial grade temperature
(–40°C≦TC≦ 95°C; –40°C≦TA≦ +85°C)
 Support automotive grade 3 temperature
(–40°C≦TC≦ 95°C; –40°C≦TA≦ +85°C)
 1KB page size for x8
2KB page size for x16
 Strong and Weak Strength Data-Output Driver
 Auto-Refresh and Self-Refresh
 Power Saving Power-Down modes
 7.8 μs max. Average Periodic Refresh Interval
 RoHS Compliance and Halogen Free
 AEC-Q100 for NT5TU128M8GE – ACI
 PPAP submission for NT5TU128M8GE – ACI
 Packages: 60-Ball BGA for x8 components
84-Ball BGA for x16 components




Similar Part No. - NT5TU128M8GE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU128M8HE NANYA-NT5TU128M8HE Datasheet
4Mb / 102P
Commercial, Industrial and Automotive DDR2 1Gb SDRAM
NT5TU128M8HE-AC NANYA-NT5TU128M8HE-AC Datasheet
4Mb / 102P
Commercial, Industrial and Automotive DDR2 1Gb SDRAM
NT5TU128M8HE-ACA NANYA-NT5TU128M8HE-ACA Datasheet
4Mb / 102P
Commercial, Industrial and Automotive DDR2 1Gb SDRAM
NT5TU128M8HE-ACH NANYA-NT5TU128M8HE-ACH Datasheet
4Mb / 102P
Commercial, Industrial and Automotive DDR2 1Gb SDRAM
NT5TU128M8HE-ACI NANYA-NT5TU128M8HE-ACI Datasheet
4Mb / 102P
Commercial, Industrial and Automotive DDR2 1Gb SDRAM
More results


Similar Description - NT5TU128M8GE

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
H5PS1G63JFR HYNIX-H5PS1G63JFR Datasheet
1Mb / 62P
1Gb DDR2 SDRAM
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
1Gb DDR2 SDRAM
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com