Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRM-1016 Datasheet (PDF) - SIRENZA MICRODEVICES

SRM-1016 Datasheet PDF - SIRENZA MICRODEVICES
Part # SRM-1016
Download  SRM-1016 Download

File Size   222.82 Kbytes
Page   6 Pages
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES
Description 800 - 1000 MHz High Linearity Active Receive Mixer

SRM-1016 Datasheet (PDF)

Go To PDF Page Download Datasheet
SRM-1016 Datasheet PDF - SIRENZA MICRODEVICES

Part # SRM-1016
Download  SRM-1016 Click to download

File Size   222.82 Kbytes
Page   6 Pages
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES
Description 800 - 1000 MHz High Linearity Active Receive Mixer

SRM-1016 Datasheet (HTML) - SIRENZA MICRODEVICES

SRM-1016 Datasheet HTML 1Page - SIRENZA MICRODEVICES SRM-1016 Datasheet HTML 2Page - SIRENZA MICRODEVICES SRM-1016 Datasheet HTML 3Page - SIRENZA MICRODEVICES SRM-1016 Datasheet HTML 4Page - SIRENZA MICRODEVICES SRM-1016 Datasheet HTML 5Page - SIRENZA MICRODEVICES SRM-1016 Datasheet HTML 6Page - SIRENZA MICRODEVICES

SRM-1016 Product details

Product Description
The Sirenza Microdevices’ SRM-1016 is a high linearity active mixer for use in a wide variety of communication systems covering the 800-1000 MHz frequency bands. This device operates from a single 5V supply and provides 10dB of conversion gain while requiring only 0dBm input to the integrated LO driver. The SRM-1016 also includes an integrated on chip IF amplifier and is fabricated using Silicon Germanium (SiGe) device technology.

Product Features
• Active mixer with 10dB conversion gain
• Integrated 0dBm LO drive and IF amplifier
• Differential or single-ended input
• Single supply operation (+5V)
• Broadband resistive 50Ω impedances on all three ports

Applications
• 800-1000 MHz receivers




Similar Part No. - SRM-1016

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SRM-1011ST MITSUMI-SRM-1011ST Datasheet
65Kb / 2P
   Rotary Switches
More results


Similar Description - SRM-1016

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0780 ATMEL-T0780 Datasheet
208Kb / 11P
   800 MHz - 1000 MHz High Linearity SiGe Active Receive Mixer
logo
List of Unclassifed Man...
STM-1116 ETC-STM-1116 Datasheet
180Kb / 6P
   800 - 1000 MHz High Linearity Active Transmit Mixer
logo
SIRENZA MICRODEVICES
STM-1116 SIRENZA-STM-1116 Datasheet
182Kb / 6P
   800 - 1000 MHz High Linearity Active Transmit Mixer
SRM-2016 SIRENZA-SRM-2016 Datasheet
374Kb / 9P
   1700 - 2300 MHz High Linearity Active Receive Mixer
logo
ATMEL Corporation
T0782 ATMEL-T0782 Datasheet
288Kb / 8P
   2200-2700 MHz High Linearity SiGe Active Receive Mixer
logo
Stanford Microdevices
SRM-2016 STANFORD-SRM-2016 Datasheet
193Kb / 7P
   1700 - 2000 MHz High Linearity Silicon Germanium Active Receive Mixer
logo
SIRENZA MICRODEVICES
STM-2116 SIRENZA-STM-2116 Datasheet
181Kb / 6P
   1800 - 2100 MHz High Linearity Active Transmit Mixer
logo
List of Unclassifed Man...
STM-3116 ETC1-STM-3116 Datasheet
187Kb / 6P
   2100 - 2500 MHz High Linearity Active Transmit Mixer
logo
Analog Devices
AD8342 AD-AD8342 Datasheet
538Kb / 20P
   Active Receive Mixer LF to 500 MHz
REV. 0
logo
SIRENZA MICRODEVICES
STM-3116 SIRENZA-STM-3116 Datasheet
181Kb / 6P
   2100 - 2500 MHz High Linearity Active Transmit Mixer
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com