Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2240941042 Datasheet (PDF) - Molex Electronics Ltd.

2240941042 Datasheet PDF - Molex Electronics Ltd.
Part # 2240941042
Download  2240941042 Download

File Size   103.48 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Mini-Fit Versa R-R 4ckt 150mm disc Sn

2240941042 Datasheet (PDF)

Go To PDF Page Download Datasheet
2240941042 Datasheet PDF - Molex Electronics Ltd.

Part # 2240941042
Download  2240941042 Click to download

File Size   103.48 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Mini-Fit Versa R-R 4ckt 150mm disc Sn

2240941042 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2240941042

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2240941020 MOLEX-2240941020 Datasheet
102Kb / 1P
   Mini-Fit Versa R-R 2ckt 150mm disc Sn
2023/02/06
2240941021 MOLEX-2240941021 Datasheet
102Kb / 1P
   Mini-Fit Versa R-R 2ckt 150mm disc Sn
2023/02/06
2240941022 MOLEX-2240941022 Datasheet
102Kb / 1P
   Mini-Fit Versa R-R 2ckt 150mm disc Sn
2023/02/06
2240941023 MOLEX-2240941023 Datasheet
102Kb / 1P
   Mini-Fit Versa R-R 2ckt 150mm disc Sn
2023/02/06
2240941024 MOLEX-2240941024 Datasheet
102Kb / 1P
   Mini-Fit Versa R-R 2ckt 150mm disc Sn
2023/02/06
More results


Similar Description - 2240941042

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2240951042 MOLEX-2240951042 Datasheet
103Kb / 1P
   Mini-Fit Versa R-S 4ckt 150mm disc Sn
2023/02/06
2240941022 MOLEX-2240941022 Datasheet
102Kb / 1P
   Mini-Fit Versa R-R 2ckt 150mm disc Sn
2023/02/06
2240941082 MOLEX-2240941082 Datasheet
105Kb / 1P
   Mini-Fit Versa R-R 8ckt 150mm disc Sn
2023/02/06
2240941062 MOLEX-2240941062 Datasheet
103Kb / 1P
   Mini-Fit Versa R-R 6ckt 150mm disc Sn
2023/02/06
2240851042 MOLEX-2240851042 Datasheet
101Kb / 1P
   Mini-Fit Max R-R 4ckt 150mm disc Sn
2023/04/13
2174651041 MOLEX-2174651041 Datasheet
275Kb / 1P
   ULTRA-FIT SR R-R 4CKT 150MM DISC Sn
2021/01/22
2240951062 MOLEX-2240951062 Datasheet
103Kb / 1P
   Mini-Fit Versa R-S 6ckt 150mm disc Sn
2023/02/06
2240951082 MOLEX-2240951082 Datasheet
104Kb / 1P
   Mini-Fit Versa R-S 8ckt 150mm disc Sn
2023/02/06
2240951022 MOLEX-2240951022 Datasheet
102Kb / 1P
   Mini-Fit Versa R-S 2ckt 150mm disc Sn
2023/02/06
2240861042 MOLEX-2240861042 Datasheet
101Kb / 1P
   Mini-Fit Max R-S 4ckt 150mm disc Sn
2023/04/13
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com