Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22346UFV20Z Datasheet (PDF) - Intersil Corporation

ISL22346UFV20Z Datasheet PDF - Intersil Corporation
Part # ISL22346UFV20Z
Download  ISL22346UFV20Z Download

File Size   485.34 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Digitally Controlled Potentiometers

ISL22346UFV20Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL22346UFV20Z Datasheet PDF - Intersil Corporation

Part # ISL22346UFV20Z
Download  ISL22346UFV20Z Click to download

File Size   485.34 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Digitally Controlled Potentiometers

ISL22346UFV20Z Datasheet (HTML) - Intersil Corporation

Back Button ISL22346UFV20Z Datasheet HTML 1Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 2Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 3Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 4Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 5Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 6Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 7Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 8Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 9Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL22346UFV20Z Product details

Low Noise, Low Power I2C™ Bus, 128 Taps

The ISL22346 integrates four digitally controlled potentiometers (DCP) and non-volatile memory on a monolithic CMOS integrated circuit.

Features
• Four potentiometers in one package
• 128 resistor taps
• I2C serial interface
    - Three address pins, up to eight devices/bus
• Non-volatile storage of wiper position
• Wiper resistance: 70Ω typical @ VCC = 3.3V
• Shutdown mode
• Shutdown current 5µA max
• Power supply: 2.7V to 5.5V
• 50kΩ or 10kΩ total resistance
• High reliability
    - Endurance: 1,000,000 data changes per bit per register
    - Register data retention: 50 years @ T < +55°C
• 20 Ld TSSOP or 20 Ld TQFN package
• Pb-free (RoHS compliant)




Similar Part No. - ISL22346UFV20Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346UFV20Z INTERSIL-ISL22346UFV20Z Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
ISL22346UFV20Z INTERSIL-ISL22346UFV20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
logo
Renesas Technology Corp
ISL22346UFV20Z RENESAS-ISL22346UFV20Z Datasheet
954Kb / 16P
   Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
More results


Similar Description - ISL22346UFV20Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com