Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTBP07VK/2 Datasheet (PDF) - CamdenBoss Ltd.

CTBP07VK/2 Datasheet PDF - CamdenBoss Ltd.
Part # CTBP07VK/2
Download  CTBP07VK/2 Download
File Size   368.09 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 7.5mm high power vertical rising clamp terminal blocks

CTBP07VK/2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTBP07VK/2 Datasheet PDF - CamdenBoss Ltd.

Part # CTBP07VK/2
Download  CTBP07VK/2 Click to download

File Size   368.09 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 7.5mm high power vertical rising clamp terminal blocks

CTBP07VK/2 Datasheet (HTML) - CamdenBoss Ltd.


CTBP07VK/2 Product details

Product ove r v i ew
• 2 and 3 pole double interlocking mechanism
for increased strength
• 4-12 pole pre-assembled
• Moulded in green UL94-V0 flame retardant
PA66
• Professional rising clamp terminals
• Cable acceptance - 0.13-3.31mm2 (26-12AWG)
• Guided pin alignment
• Captive screw




Similar Part No. - CTBP07VK/2

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP07VL CAMDENBOSS-CTBP07VL Datasheet
368Kb / 1P
7.62mm pitch high power rising clamp terminal blocks
CTBP07VL/10 CAMDENBOSS-CTBP07VL/10 Datasheet
368Kb / 1P
7.62mm pitch high power rising clamp terminal blocks
CTBP07VL/11 CAMDENBOSS-CTBP07VL/11 Datasheet
368Kb / 1P
7.62mm pitch high power rising clamp terminal blocks
CTBP07VL/12 CAMDENBOSS-CTBP07VL/12 Datasheet
368Kb / 1P
7.62mm pitch high power rising clamp terminal blocks
CTBP07VL/2 CAMDENBOSS-CTBP07VL/2 Datasheet
368Kb / 1P
7.62mm pitch high power rising clamp terminal blocks
More results


Similar Description - CTBP07VK/2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB33-2 DUBILIER-DBCTB33-2 Datasheet
109Kb / 1P
TERMINAL BLOCKS 7.5MM PITCH 18 POLE RISING CLAMP
logo
CamdenBoss Ltd.
CTBP04VY CAMDENBOSS-CTBP04VY Datasheet
420Kb / 1P
6.35mm pitch high power rising clamp terminal blocks
CTBP04VZ CAMDENBOSS-CTBP04VZ Datasheet
408Kb / 1P
9.5mm pitch high power rising clamp terminal blocks
CTBP07VL CAMDENBOSS-CTBP07VL Datasheet
368Kb / 1P
7.62mm pitch high power rising clamp terminal blocks
CTBP0110 CAMDENBOSS-CTBP0110 Datasheet
396Kb / 1P
7.5mm pitch standard profile rising clamp terminal blocks
CTBP0115 CAMDENBOSS-CTBP0115 Datasheet
398Kb / 1P
7.5mm pitc h standard profile 90° rising clamp terminal blocks
CTBP0700 CAMDENBOSS-CTBP0700 Datasheet
364Kb / 1P
5mm high power vertical rising clamp terminal blocks
CTBP9400 CAMDENBOSS-CTBP9400 Datasheet
761Kb / 2P
7.5mm pitch pluggable rising clamp terminal blocks
CTBP9500 CAMDENBOSS-CTBP9500 Datasheet
761Kb / 2P
7.5mm pitch pluggable rising clamp terminal blocks
CTBP9550 CAMDENBOSS-CTBP9550 Datasheet
761Kb / 2P
7.5mm pitch pluggable rising clamp terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com