Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE30112 Datasheet (PDF) - NTE Electronics

NTE30112 Datasheet PDF - NTE Electronics
Part # NTE30112
Download  NTE30112 Download

File Size   83.82 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description LED Dual Color 5mm High Efficiency Red/Yellow Green

NTE30112 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE30112 Datasheet PDF - NTE Electronics

Part # NTE30112
Download  NTE30112 Click to download

File Size   83.82 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description LED Dual Color 5mm High Efficiency Red/Yellow Green

NTE30112 Datasheet (HTML) - NTE Electronics

NTE30112 Datasheet HTML 1Page - NTE Electronics NTE30112 Datasheet HTML 2Page - NTE Electronics

NTE30112 Product details

Features:

• RoHS Compliant

• White Diffused



 




Similar Part No. - NTE30112

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3011 NTE-NTE3011 Datasheet
22Kb / 3P
   Discrete LED Indicators
NTE30110 NTE-NTE30110 Datasheet
83Kb / 2P
   LED − Dual Color 3mm Super Fresh Red/Super Yellow Green
NTE30111 NTE-NTE30111 Datasheet
85Kb / 2P
   LED − Dual Color 3mm Super Fresh Red/Super Blue
NTE30113 NTE-NTE30113 Datasheet
83Kb / 2P
   LED − Dual Color 5mm Yellow/Yellow Green
NTE30115 NTE-NTE30115 Datasheet
83Kb / 2P
   LED − Triple Color 5mm Super Fresh Red/Super Green/Super Blue
More results


Similar Description - NTE30112

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE30104 NTE-NTE30104 Datasheet
84Kb / 2P
   LED − Dual Color 5mm High Efficiency Red/Yellow Green
NTE30100 NTE-NTE30100 Datasheet
83Kb / 2P
   LED − Dual Color 3mm High Efficiency Red/Yellow Green
NTE30108 NTE-NTE30108 Datasheet
83Kb / 2P
   LED − Dual Color 5mm Super Red/Yellow Green
NTE30105 NTE-NTE30105 Datasheet
83Kb / 2P
   LED − Dual Color 5mm Yellow/Yellow Green
NTE30113 NTE-NTE30113 Datasheet
83Kb / 2P
   LED − Dual Color 5mm Yellow/Yellow Green
NTE30109 NTE-NTE30109 Datasheet
83Kb / 2P
   LED − Dual Color 5mm Yellow/Yellow Green
NTE30106 NTE-NTE30106 Datasheet
83Kb / 2P
   LED − Dual Color 5mm Super Fresh Red/Super Yellow Green
logo
Marktech Corporate
LO568NGY2-80Q-A MARKTECH-LO568NGY2-80Q-A Datasheet
59Kb / 2P
   5mm Oval Green/Yellow Bi−color LED
logo
NTE Electronics
NTE30101 NTE-NTE30101 Datasheet
83Kb / 2P
   LED − Dual Color 3mm Yellow/Yellow Green
logo
Marktech Corporate
LO568MRG2-80Q-A MARKTECH-LO568MRG2-80Q-A Datasheet
59Kb / 2P
   5mm Oval Red/Green Bi−color LED
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com