Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM2-452AX+ Datasheet (PDF) - Mini-Circuits

TCM2-452AX+ Datasheet PDF - Mini-Circuits
Part # TCM2-452AX+
Download  TCM2-452AX+ Download
File Size   559.42 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description RF Transformer

TCM2-452AX+ Datasheet (PDF)

Go To PDF Page Download Datasheet
TCM2-452AX+ Datasheet PDF - Mini-Circuits

Part # TCM2-452AX+
Download  TCM2-452AX+ Click to download

File Size   559.42 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description RF Transformer

TCM2-452AX+ Datasheet (HTML) - Mini-Circuits


TCM2-452AX+ Product details

THE BIG DEAL
Wideband, 1000 to 4500 MHz
Balanced transmission line
Low insertion loss 0.6 dB
Flat insertion loss, 0.6 dB typ.
Good input return loss, 15 dB typ.
Low phase and amplitude unbalance, 6°, 0.8 dB
Aqueous washable
APPLICATIONS
Wideband push-pull amplifiers
LTE & 5G MIMO Infrastructure
CBRS 3.45 to 3.98 GHz
IoT & ISM




Similar Part No. - TCM2-452AX+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCM2-43X MINI-TCM2-43X Datasheet
355Kb / 1P
RF Transformer
TCM2-43X+ MINI-TCM2-43X+ Datasheet
355Kb / 1P
RF Transformer
More results


Similar Description - TCM2-452AX+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
RF Transformer
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
RF Transformer
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
RF TRANSFORMER
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
RF TRANSFORMER
logo
XFMRS Inc.
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XF458PT-1720 XFMRS-XF458PT-1720 Datasheet
37Kb / 1P
RF TRANSFORMER
XFWB1010 XFMRS-XFWB1010 Datasheet
38Kb / 1P
RF TRANSFORMER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com