Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPHK-3002+ Datasheet (PDF) - Mini-Circuits

TPHK-3002+ Datasheet PDF - Mini-Circuits
Part # TPHK-3002+
Download  TPHK-3002+ Download
File Size   508.17 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Thru-Line

TPHK-3002+ Datasheet (PDF)

Go To PDF Page Download Datasheet
TPHK-3002+ Datasheet PDF - Mini-Circuits

Part # TPHK-3002+
Download  TPHK-3002+ Click to download

File Size   508.17 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Thru-Line

TPHK-3002+ Datasheet (HTML) - Mini-Circuits


TPHK-3002+ Product details

THE BIG DEAL
Low loss, less than 1 dB max at 20 GHz
Return loss, 14 dB typical below 20 GHz
Standard 1812 (4.5mm x 3.2mm) case style
Suited for very high-volume production

APPLICATIONS
Test and Measurement
EW, Radar and ECM Defense Systems
5G MIMO and Back Haul Radio
Satellite Communications




Similar Part No. - TPHK-3002+

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPH TOPPOWER-TPH Datasheet
651Kb / 4P
2W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPH TOPPOWER-TPH Datasheet
732Kb / 4P
2W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Topstek Inc.
TPH-25A TOPSTEK-TPH-25A Datasheet
160Kb / 2P
Highly reliable Hall Effect device
logo
Toppower Electronic Tec...
TPH-2W TOPPOWER-TPH-2W Datasheet
208Kb / 4P
2W Isolated Single & Dual Output DC/DC Converters
TPH-3W TOPPOWER-TPH-3W Datasheet
834Kb / 4P
3W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results


Similar Description - TPHK-3002+

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-9750-1HL RENCO-RL-9750-1HL Datasheet
1Mb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-2 RENCO-RL-9750-2 Datasheet
1Mb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-2HL RENCO-RL-9750-2HL Datasheet
1Mb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-3 RENCO-RL-9750-3 Datasheet
1Mb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-4HM RENCO-RL-9750-4HM Datasheet
1Mb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-5HM RENCO-RL-9750-5HM Datasheet
749Kb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-5HMHL RENCO-RL-9750-5HMHL Datasheet
747Kb / 2P
THRU-HOLE AC LINE FILTER
logo
Mini-Circuits
TPCN-203 MINI-TPCN-203 Datasheet
446Kb / 3P
Thru-Line
REV.C
TPCG-183+ MINI-TPCG-183+ Datasheet
442Kb / 4P
Thru-Line
REV. OR
TPCW-233+ MINI-TPCW-233+ Datasheet
503Kb / 4P
Thru-Line
REV. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com