Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDZ293P Datasheet (PDF) - Fairchild Semiconductor

FDZ293P Datasheet PDF - Fairchild Semiconductor
Part # FDZ293P
Download  FDZ293P Download

File Size   243.41 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description P-Channel 2.5 V Specified PowerTrench짰 BGA MOSFET

FDZ293P Datasheet (PDF)

Go To PDF Page Download Datasheet
FDZ293P Datasheet PDF - Fairchild Semiconductor

Part # FDZ293P
Download  FDZ293P Click to download

File Size   243.41 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description P-Channel 2.5 V Specified PowerTrench짰 BGA MOSFET

FDZ293P Datasheet (HTML) - Fairchild Semiconductor

FDZ293P Datasheet HTML 1Page - Fairchild Semiconductor FDZ293P Datasheet HTML 2Page - Fairchild Semiconductor FDZ293P Datasheet HTML 3Page - Fairchild Semiconductor FDZ293P Datasheet HTML 4Page - Fairchild Semiconductor FDZ293P Datasheet HTML 5Page - Fairchild Semiconductor



Similar Part No. - FDZ293P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ293P FAIRCHILD-FDZ293P Datasheet
376Kb / 7P
   P-Channel 2.5 V Specified PowerTrench BGA MOSFET
More results


Similar Description - FDZ293P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ291P FAIRCHILD-FDZ291P_06 Datasheet
247Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 BGA MOSFET
FDZ299P FAIRCHILD-FDZ299P Datasheet
178Kb / 6P
   P-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ293P FAIRCHILD-FDZ293P Datasheet
376Kb / 7P
   P-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ298N FAIRCHILD-FDZ298N Datasheet
170Kb / 6P
   N-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ294N FAIRCHILD-FDZ294N Datasheet
146Kb / 9P
   N-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ291P FAIRCHILD-FDZ291P Datasheet
170Kb / 6P
   P-Channel 1.5 V Specified PowerTrench BGA MOSFET
FDMA291P FAIRCHILD-FDMA291P_08 Datasheet
902Kb / 6P
   Single P-Channel 1.8V Specified PowerTrench짰 MOSFET
FDS9933BZ FAIRCHILD-FDS9933BZ Datasheet
292Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench짰 MOSFET
FDZ202P FAIRCHILD-FDZ202P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ204P FAIRCHILD-FDZ204P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com