Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQA10N80C_F109 Datasheet (PDF) - Fairchild Semiconductor

FQA10N80C_F109 Datasheet PDF - Fairchild Semiconductor
Part # FQA10N80C_F109
Download  FQA10N80C_F109 Download

File Size   799.99 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 800V N-Channel MOSFET

FQA10N80C_F109 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQA10N80C_F109 Datasheet PDF - Fairchild Semiconductor

Part # FQA10N80C_F109
Download  FQA10N80C_F109 Click to download

File Size   799.99 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 800V N-Channel MOSFET

FQA10N80C_F109 Datasheet (HTML) - Fairchild Semiconductor

FQA10N80C_F109 Datasheet HTML 1Page - Fairchild Semiconductor FQA10N80C_F109 Datasheet HTML 2Page - Fairchild Semiconductor FQA10N80C_F109 Datasheet HTML 3Page - Fairchild Semiconductor FQA10N80C_F109 Datasheet HTML 4Page - Fairchild Semiconductor FQA10N80C_F109 Datasheet HTML 5Page - Fairchild Semiconductor FQA10N80C_F109 Datasheet HTML 6Page - Fairchild Semiconductor FQA10N80C_F109 Datasheet HTML 7Page - Fairchild Semiconductor FQA10N80C_F109 Datasheet HTML 8Page - Fairchild Semiconductor FQA10N80C_F109 Datasheet HTML 9Page - Fairchild Semiconductor



Similar Part No. - FQA10N80C_F109

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA10N80C-F109 FAIRCHILD-FQA10N80C-F109 Datasheet
435Kb / 8P
   FQA10N80C_F109 N-Channel QFET짰 MOSFET 800 V, 10 A, 1.1 廓
FQA10N80C_F109 FAIRCHILD-FQA10N80C_F109 Datasheet
806Kb / 8P
   800V N-Channel MOSFET
More results


Similar Description - FQA10N80C_F109

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com