Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB30UMX Datasheet (PDF) - Fairchild Semiconductor

FSUSB30UMX Datasheet PDF - Fairchild Semiconductor
Part # FSUSB30UMX
Download  FSUSB30UMX Download

File Size   941.09 Kbytes
Page   20 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch

FSUSB30UMX Datasheet (PDF)

Go To PDF Page Download Datasheet
FSUSB30UMX Datasheet PDF - Fairchild Semiconductor

Part # FSUSB30UMX
Download  FSUSB30UMX Click to download

File Size   941.09 Kbytes
Page   20 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch

FSUSB30UMX Datasheet (HTML) - Fairchild Semiconductor

Back Button FSUSB30UMX Datasheet HTML 1Page - Fairchild Semiconductor FSUSB30UMX Datasheet HTML 2Page - Fairchild Semiconductor FSUSB30UMX Datasheet HTML 3Page - Fairchild Semiconductor FSUSB30UMX Datasheet HTML 4Page - Fairchild Semiconductor FSUSB30UMX Datasheet HTML 5Page - Fairchild Semiconductor FSUSB30UMX Datasheet HTML 6Page - Fairchild Semiconductor FSUSB30UMX Datasheet HTML 7Page - Fairchild Semiconductor FSUSB30UMX Datasheet HTML 8Page - Fairchild Semiconductor FSUSB30UMX Datasheet HTML 9Page - Fairchild Semiconductor FSUSB30UMX Datasheet HTML 10Page - Fairchild Semiconductor Next Button 



Similar Part No. - FSUSB30UMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB30UMX FAIRCHILD-FSUSB30UMX Datasheet
1Mb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB30UMX ONSEMI-FSUSB30UMX Datasheet
750Kb / 19P
   Low-Power, Two-Port, High-Speed USB 2.0 Switch
April 2013 Rev. 1.1.8
logo
Fairchild Semiconductor
FSUSB30UMX FAIRCHILD-FSUSB30UMX_12 Datasheet
739Kb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
More results


Similar Description - FSUSB30UMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
   Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com