Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC206-M Datasheet (PDF) - Fairchild Semiconductor

MOC206-M Datasheet PDF - Fairchild Semiconductor
Part # MOC206-M
Download  MOC206-M Download

File Size   518.79 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT

MOC206-M Datasheet (PDF)

Go To PDF Page Download Datasheet
MOC206-M Datasheet PDF - Fairchild Semiconductor

Part # MOC206-M
Download  MOC206-M Click to download

File Size   518.79 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT

MOC206-M Datasheet (HTML) - Fairchild Semiconductor

MOC206-M Datasheet HTML 1Page - Fairchild Semiconductor MOC206-M Datasheet HTML 2Page - Fairchild Semiconductor MOC206-M Datasheet HTML 3Page - Fairchild Semiconductor MOC206-M Datasheet HTML 4Page - Fairchild Semiconductor MOC206-M Datasheet HTML 5Page - Fairchild Semiconductor MOC206-M Datasheet HTML 6Page - Fairchild Semiconductor MOC206-M Datasheet HTML 7Page - Fairchild Semiconductor MOC206-M Datasheet HTML 8Page - Fairchild Semiconductor MOC206-M Datasheet HTML 9Page - Fairchild Semiconductor MOC206-M Datasheet HTML 10Page - Fairchild Semiconductor

MOC206-M Product details

DESCRIPTION
These devices consist of a gallium arsenide infrared emitting diode optically coupled to a monolithic silicon phototransistor detector, in a surface mountable, small outline, plastic package. They are ideally suited for high density applications, and eliminate the need for through - the - board mounting.

FEATURES
• U.L. Recognized (File #E90700, Volume 2)
• VDE Recognized (File #136616) (add option "V" for VDE approval, i.e, MOC205V-M)
• Closely Matched Current Transfer Ratios
• Convenient Plastic SOIC-8 Surface Mountable Package Style
• Minimum BVCEOof 70 Volts Guaranteed
• Standard SOIC-8 Footprint, with 0.050" Lead Spacing
• Compatible with Dual Wave, Vapor Phase and IR Reflow Soldering
• High Input-Output Isolation of 2500 VAC(rms) Guaranteed

APPLICATIONS
• Feedback Control Circuits
• Interfacing and coupling systems of different potentials and impedances
• General Purpose Switching Circuits
• Monitor and Detection Circuits




Similar Part No. - MOC206-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC206-M FAIRCHILD-MOC206-M Datasheet
520Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
More results


Similar Description - MOC206-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC207M FAIRCHILD-MOC207M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
MOC211-M FAIRCHILD-MOC211-M Datasheet
515Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC205 FAIRCHILD-MOC205 Datasheet
520Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC211 FAIRCHILD-MOC211 Datasheet
499Kb / 9P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC207R1M FAIRCHILD-MOC207R1M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
MOC207R2M FAIRCHILD-MOC207R2M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
MOC223 FAIRCHILD-MOC223 Datasheet
361Kb / 7P
   SMALL OUTLINE OPTOCOUPLERS DARLINGTON OUTPUT
MOC223-M FAIRCHILD-MOC223-M Datasheet
503Kb / 9P
   Small Outline Optocouplers Darlington Output
MOC213R2M FAIRCHILD-MOC213R2M Datasheet
2Mb / 10P
   Small Ouline Optocouplers Transistor Output
MOC212M FAIRCHILD-MOC212M Datasheet
2Mb / 10P
   Small Ouline Optocouplers Transistor Output
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com