Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-7882 Datasheet (PDF) - California Eastern Labs

MC-7882 Datasheet PDF - California Eastern Labs
Part # MC-7882
Download  MC-7882 Download

File Size   290.73 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description 870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER

MC-7882 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC-7882 Datasheet PDF - California Eastern Labs

Part # MC-7882
Download  MC-7882 Click to download

File Size   290.73 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description 870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER

MC-7882 Datasheet (HTML) - California Eastern Labs

MC-7882 Datasheet HTML 1Page - California Eastern Labs MC-7882 Datasheet HTML 2Page - California Eastern Labs MC-7882 Datasheet HTML 3Page - California Eastern Labs MC-7882 Datasheet HTML 4Page - California Eastern Labs MC-7882 Datasheet HTML 5Page - California Eastern Labs MC-7882 Datasheet HTML 6Page - California Eastern Labs MC-7882 Datasheet HTML 7Page - California Eastern Labs

MC-7882 Product details

DESCRIPTION
NECs MC-7881, MC-7882, MC-7883, and MC-7884 are GaAs Multi-Chip Modules designed for use as output stages in CATV applications up to 870 MHz. The only difference between these devices is gain, which is 18 dB, 20 dB, 22 dB, and 25 dB respectively. Because these units are GaAs devices they have low distortion, low noise figure, and low return loss across the entire frequency band.

FEATURES
• GaAs ACTIVE DEVICES
• LOW DISTORTION
• HIGH LINEAR GAIN:
    MC-7881 - GL = 18 dB MIN at f = 870 MHz
    MC-7882 - GL = 20 dB MIN at f = 870 MHz
    MC-7883 - GL = 22 dB MIN at f = 870 MHz
    MC-7884 - GL = 25 dB MIN at f = 870 MHz
• LOW RETURN LOSS
• LOW GAIN CHANGE OVER TEMPERATURE
• SPECIFIED FOR 79, 110, and 132 CHANNELS PERFORMANCE
• HIGH RELIABILITY AND RUGGEDNESS:
    Withstands environmental extremes as well as Silicon devices (Surge, ESD, Etc.)

APPLICATIONS
• CATV HEADEND SYSTEMS
• CATV OPTICAL NODES
• CATV DISTRIBUTION AMPS




Similar Part No. - MC-7882

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7882 CEL-MC-7882 Datasheet
82Kb / 2P
   NECs 870 MHz GaAs CATV POWER DOUBLER AMPLIFIER
logo
NEC
MC-7882 NEC-MC-7882 Datasheet
39Kb / 6P
   GaAs MULTI-CHIP MODULE
logo
Renesas Technology Corp
MC-7882 RENESAS-MC-7882 Datasheet
280Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7882-AZ RENESAS-MC-7882-AZ Datasheet
280Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
logo
Quanzhou Jinmei Electro...
MC-7882_2015 JMNIC-MC-7882_2015 Datasheet
39Kb / 6P
   870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
More results


Similar Description - MC-7882

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
MC-7882_2015 JMNIC-MC-7882_2015 Datasheet
39Kb / 6P
   870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
MC-7845_2015 JMNIC-MC-7845_2015 Datasheet
41Kb / 6P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7846_2015 JMNIC-MC-7846_2015 Datasheet
41Kb / 6P
   870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7881 CEL-MC-7881 Datasheet
290Kb / 7P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7884 CEL-MC-7884_06 Datasheet
290Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7847_2015 JMNIC-MC-7847_2015 Datasheet
41Kb / 6P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
MC-7881_2015 JMNIC-MC-7881_2015 Datasheet
39Kb / 6P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7845 CEL-MC-7845_06 Datasheet
298Kb / 7P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7846 CEL-MC-7846 Datasheet
298Kb / 7P
   870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
MC-7847 CEL-MC-7847 Datasheet
291Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com