Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002K-AU Datasheet (PDF) - Pan Jit International Inc.

2N7002K-AU Datasheet PDF - Pan Jit International Inc.
Part # 2N7002K-AU_V01
Download  2N7002K-AU Download
File Size   974.92 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 60V N-Channel Enhancement Mode MOSFET–ESD Protected

2N7002K-AU Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002K-AU Datasheet PDF - Pan Jit International Inc.

Part # 2N7002K-AU_V01
Download  2N7002K-AU Click to download

File Size   974.92 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 60V N-Channel Enhancement Mode MOSFET–ESD Protected

2N7002K-AU Datasheet (HTML) - Pan Jit International Inc.


2N7002K-AU Product details

Features
RDS(ON),VGS@10V,ID@500mA<3Ω
RDS(ON),VGS@4.5V,ID@200mA<4Ω
AdvancedTrenchProcessTechnology
HighDensityCellDesignForUltraLowOn-Resistance
VeryLowLeakageCurrentInOffCondition
SpeciallyDesignedforBatteryOperatedSystems,Solid-StateRelaysDrivers:Relay,Displays,Memories,etc
ESDProtected2KVHBM
AEC-Q101qualified
LeadfreeincompliancewithEURoHS2.0
GreenmoldingcompoundasperIEC61249standard




Similar Part No. - 2N7002K-AU_V01

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N7002K-AU PANJIT-2N7002K-AU_15 Datasheet
234Kb / 7P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002K-AU_A0_00001 PANJIT-2N7002K-AU_A0_00001 Datasheet
326Kb / 7P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002K-AU_A0_10001 PANJIT-2N7002K-AU_A0_10001 Datasheet
326Kb / 7P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002K-AU_A1_00001 PANJIT-2N7002K-AU_A1_00001 Datasheet
326Kb / 7P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002K-AU_A1_10001 PANJIT-2N7002K-AU_A1_10001 Datasheet
326Kb / 7P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
More results


Similar Description - 2N7002K-AU_V01

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
2N7002KDW HY-2N7002KDW Datasheet
256Kb / 4P
60V ESD Protected N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
2N7002KDW PANJIT-2N7002KDW_14 Datasheet
170Kb / 6P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW_14 Datasheet
131Kb / 5P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW Datasheet
170Kb / 5P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002K-AU PANJIT-2N7002K-AU Datasheet
326Kb / 7P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KDW PANJIT-2N7002KDW_10 Datasheet
119Kb / 5P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KTB PANJIT-2N7002KTB Datasheet
117Kb / 5P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KTB6 PANJIT-2N7002KTB6 Datasheet
150Kb / 5P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002K-AU PANJIT-2N7002K-AU_15 Datasheet
234Kb / 7P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW_10 Datasheet
162Kb / 5P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KDW-AU PANJIT-2N7002KDW-AU Datasheet
326Kb / 7P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com