Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-500A Datasheet (PDF) - Vectron International, Inc

VS-500A Datasheet PDF - Vectron International, Inc
Part # VS-500A
Download  VS-500A Download

File Size   392.76 Kbytes
Page   8 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Voltage Controlled Saw Oscillator

VS-500A Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-500A Datasheet PDF - Vectron International, Inc

Part # VS-500A
Download  VS-500A Click to download

File Size   392.76 Kbytes
Page   8 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Voltage Controlled Saw Oscillator

VS-500A Datasheet (HTML) - Vectron International, Inc

VS-500A Datasheet HTML 1Page - Vectron International, Inc VS-500A Datasheet HTML 2Page - Vectron International, Inc VS-500A Datasheet HTML 3Page - Vectron International, Inc VS-500A Datasheet HTML 4Page - Vectron International, Inc VS-500A Datasheet HTML 5Page - Vectron International, Inc VS-500A Datasheet HTML 6Page - Vectron International, Inc VS-500A Datasheet HTML 7Page - Vectron International, Inc VS-500A Datasheet HTML 8Page - Vectron International, Inc

VS-500A Product details

Description
The VS-500A is a SAW based voltage controlled oscillator that operates at the fundamental frequency of the internal SAW filter. This resonator is a high-Q quartz device that enables the circuit to achieve low phase jitter performance over a wide operating temperature range. The oscillator is housed in a hermetically sealed J-lead surface mount package offered on tape and reel. It has an output disable to facilitate on-board testing.

Features
• Output Frequencies from 155 MHz to 800 MHz
• Low Jitter < 1 ps rms in the 12kHz to 20MHz range
• < 1ps rms jitter in 50kHz to 80MHz range
• 3.3V (see VS-500) or 5.0V operation
• Ideal for clock smoothing, frequency translation, clock and data retiming applications
• 10K ECL, PECL logic levels with fast transition times
• Complementary outputs
• Low profile, surface mount package
• Output disable feature

Applications
• 2.5, 10 Gbit/s FEC and standard SONET/SDH Clock Smoothing and Frequency Translation
• 10 Gigabit Ethernet Clock Smoothing
• Frequency Translation




Similar Part No. - VS-500A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-500A VECTRON-VS-500A Datasheet
362Kb / 8P
   Voltage Controlled SAW Oscillator
More results


Similar Description - VS-500A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com