Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3510 Datasheet (PDF) - Skyworks Solutions Inc.

AAT3510 Datasheet PDF - Skyworks Solutions Inc.
Part # AAT3510
Download  AAT3510 Download
File Size   732.51 Kbytes
Page   11 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Micropower μP Reset with Watchdog Timer

AAT3510 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3510 Datasheet PDF - Skyworks Solutions Inc.

Part # AAT3510
Download  AAT3510 Click to download

File Size   732.51 Kbytes
Page   11 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Micropower μP Reset with Watchdog Timer

AAT3510 Datasheet (HTML) - Skyworks Solutions Inc.


AAT3510 Product details

Features
• Tight Voltage Tolerance: ±1.5%
• Low Quiescent Current: 5μA
• Guaranteed Reset Valid Down to 1V
• 32 Voltage Options from 2.6V to 5.0V
• Three Reset Active Period Options:
▪ 1ms, 20ms, 140ms
• Three Watchdog Timeout Period Options:
▪ 6.3ms, 102ms, 1600ms
• Four Output Options:
▪ Open Drain
▪ Inverting
▪ Non-Inverting
▪ Bi-Directional
• Low Temperature Coefficient: 100ppm/°C
• 5-Pin SOT23 Package




Similar Part No. - AAT3510

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510 Datasheet
157Kb / 12P
Micropower uP Reset with Watchdog Timer
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
Micropower uP Reset with Watchdog Timer
3510.2006.03.1.7
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510 Datasheet
110Kb / 11P
Micropower 關P Reset with Watchdog Timer
AAT3510IGV-2.63-A-A-T1 ANALOGICTECH-AAT3510IGV-2.63-A-A-T1 Datasheet
157Kb / 12P
Micropower uP Reset with Watchdog Timer
AAT3510IGV-2.63-A-B-T1 ANALOGICTECH-AAT3510IGV-2.63-A-B-T1 Datasheet
157Kb / 12P
Micropower uP Reset with Watchdog Timer
More results


Similar Description - AAT3510

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510 Datasheet
157Kb / 12P
Micropower uP Reset with Watchdog Timer
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
Voltage Regulator with Watchdog timer Reset
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
Micropower uP Reset with Watchdog Timer
3510.2006.03.1.7
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510_06 Datasheet
110Kb / 11P
Micropower 關P Reset with Watchdog Timer
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
logo
ATMEL Corporation
AT83C5112 ATMEL-AT83C5112_14 Datasheet
989Kb / 97P
Hardware Watchdog Timer with Reset-out
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com