Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC56F8357VVF Datasheet (PDF) - Freescale Semiconductor, Inc

MC56F8357VVF Datasheet PDF - Freescale Semiconductor, Inc
Part # MC56F8357VVF
Download  MC56F8357VVF Download

File Size   2604.92 Kbytes
Page   177 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 16-bit Digital Signal Controllers

MC56F8357VVF Datasheet (PDF)

Go To PDF Page Download Datasheet
MC56F8357VVF Datasheet PDF - Freescale Semiconductor, Inc

Part # MC56F8357VVF
Download  MC56F8357VVF Click to download

File Size   2604.92 Kbytes
Page   177 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 16-bit Digital Signal Controllers

MC56F8357VVF Datasheet (HTML) - Freescale Semiconductor, Inc

Back Button MC56F8357VVF Datasheet HTML 1Page - Freescale Semiconductor, Inc MC56F8357VVF Datasheet HTML 2Page - Freescale Semiconductor, Inc MC56F8357VVF Datasheet HTML 3Page - Freescale Semiconductor, Inc MC56F8357VVF Datasheet HTML 4Page - Freescale Semiconductor, Inc MC56F8357VVF Datasheet HTML 5Page - Freescale Semiconductor, Inc MC56F8357VVF Datasheet HTML 6Page - Freescale Semiconductor, Inc MC56F8357VVF Datasheet HTML 7Page - Freescale Semiconductor, Inc MC56F8357VVF Datasheet HTML 8Page - Freescale Semiconductor, Inc MC56F8357VVF Datasheet HTML 9Page - Freescale Semiconductor, Inc MC56F8357VVF Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 

MC56F8357VVF Product details

56F8357/56F8157 General Description

Note: Features in italics are NOT available in the 56F8157 device.

• Up to 60 MIPS at 60MHz core frequency
• DSP and MCU functionality in a unified, C-efficient architecture
• Access up to 4MB of off-chip program and 32MB of data memory
• Chip Select Logic for glueless interface to ROM and SRAM
• 256KB of Program Flash
• 4KB of Program RAM
• 8KB of Data Flash
• 16KB of Data RAM
• 16KB Boot Flash
• Up to two 6-channel PWM modules
• Four 4-channel, 12-bit ADCs
• Temperature Sensor
• Up to two Quadrature Decoders
• Optional on-chip regulator
• FlexCAN module
• Two Serial Communication Interfaces (SCIs)
• Up to two Serial Peripheral Interfaces (SPIs)
• Up to four general-purpose Quad Timers
• Computer Operating Properly (COP) / Watchdog
• JTAG/Enhanced On-Chip Emulation (OnCE™) for unobtrusive, real-time debugging
• Up to 76 GPIO lines
• 160-pin LQFP Package and 160MAPBGA




Similar Part No. - MC56F8357VVF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC56F8357VPY60 MOTOROLA-MC56F8357VPY60 Datasheet
1Mb / 160P
   16-bit Digital Signal Processor
More results


Similar Description - MC56F8357VVF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com