Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCZ33887EK Datasheet (PDF) - Freescale Semiconductor, Inc

MCZ33887EK Datasheet PDF - Freescale Semiconductor, Inc
Part # MCZ33887EK
Download  MCZ33887EK Download

File Size   856.3 Kbytes
Page   37 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 5.0 A H-Bridge with Load Current Feedback

MCZ33887EK Datasheet (PDF)

Go To PDF Page Download Datasheet
MCZ33887EK Datasheet PDF - Freescale Semiconductor, Inc

Part # MCZ33887EK
Download  MCZ33887EK Click to download

File Size   856.3 Kbytes
Page   37 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 5.0 A H-Bridge with Load Current Feedback

MCZ33887EK Datasheet (HTML) - Freescale Semiconductor, Inc

Back Button MCZ33887EK Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 

MCZ33887EK Product details

5.0 A H-Bridge with Load Current Feedback

The 33887 is a monolithic H-Bridge Power IC with a load current feedback feature making it ideal for closed-loop DC motor control. The IC incorporates internal control logic, charge pump, gate drive, and low RDS(ON) MOSFET output circuitry. The 33887 is able to control inductive loads with continuous DC load currents up to 5.0 A, and with peak current active limiting between 5.2 A and 7.8 A. Output loads can be pulse width modulated (PWM-ed) at frequencies up to 10 kHz. The load current feedback feature provides a proportional (1/375th of the load current) constant-current output suitable for monitoring by a microcontroller’s A/D input. This feature facilitates the design of closed-loop torque/speed control as well as open load detection.

Features
• Fully specified operation 5.0 V to 28 V
• Limited operation with reduced performance up to 40 V
• 120 mΩ RDS(ON) Typical H-Bridge MOSFETs
• TTL/CMOS Compatible Inputs
• PWM Frequencies up to 10 kHz
• Active Current Limiting (Regulation)
• Fault Status Reporting
• Sleep Mode with Current Draw ≤50 μA (Inputs Floating or Set
   to Match Default Logic States)
• Pb-Free Packaging Designated by Suffix Codes VW and EK




Similar Part No. - MCZ33887EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33887EK FREESCALE-MCZ33887EK Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
MCZ33887EKR2 FREESCALE-MCZ33887EKR2 Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
More results


Similar Description - MCZ33887EK

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33887 MOTOROLA-MC33887 Datasheet
485Kb / 28P
   5.0 A H-Bridge with Load Current Feedback
logo
Freescale Semiconductor...
33887 FREESCALE-33887_08 Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
33887 FREESCALE-33887_11 Datasheet
902Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
logo
Freescale Semiconductor...
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
   5.0 A H-Bridge
33886 FREESCALE-33886 Datasheet
570Kb / 25P
   5.0 A H-Bridge
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
   5.0 A H-Bridge
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
   Dual 5.0 A H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
   5.0 A Throttle Control H-Bridge
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com