Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1A73AJ000F Datasheet (PDF) - Sharp Corporation

GP1A73AJ000F Datasheet PDF - Sharp Corporation
Part # GP1A73AJ000F
Download  GP1A73AJ000F Download

File Size   133.63 Kbytes
Page   10 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Gap : 5mm Slit : 0.5mm OPIC Output, Snap-in type Transmissive Photointerrupter with Connector

GP1A73AJ000F Datasheet (PDF)

Go To PDF Page Download Datasheet
GP1A73AJ000F Datasheet PDF - Sharp Corporation

Part # GP1A73AJ000F
Download  GP1A73AJ000F Click to download

File Size   133.63 Kbytes
Page   10 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Gap : 5mm Slit : 0.5mm OPIC Output, Snap-in type Transmissive Photointerrupter with Connector

GP1A73AJ000F Datasheet (HTML) - Sharp Corporation

GP1A73AJ000F Datasheet HTML 1Page - Sharp Corporation GP1A73AJ000F Datasheet HTML 2Page - Sharp Corporation GP1A73AJ000F Datasheet HTML 3Page - Sharp Corporation GP1A73AJ000F Datasheet HTML 4Page - Sharp Corporation GP1A73AJ000F Datasheet HTML 5Page - Sharp Corporation GP1A73AJ000F Datasheet HTML 6Page - Sharp Corporation GP1A73AJ000F Datasheet HTML 7Page - Sharp Corporation GP1A73AJ000F Datasheet HTML 8Page - Sharp Corporation GP1A73AJ000F Datasheet HTML 9Page - Sharp Corporation GP1A73AJ000F Datasheet HTML 10Page - Sharp Corporation

GP1A73AJ000F Product details

■ Description

GP1A73AJ000F is a standard, OPIC output, transmis sive photointerrupter with opposing emitter and detector in a case, providing non-contact sensing. For this family of devices, the emitter and detector are inserted in a case, and a 3-pin connector is included to allow remote mount or off-board designs.



■ Features

1. Transmissive with OPIC output

2. Highlights :

   • Special position hooks compatible with 3 different plate thicknesses (1.0, 1.2, 1.6mm)

   • Hinged snap insertion

3. Key Parameters :

   • Gap Width : 5mm

   • Slit Width (detector side): 0.5mm

   • Package : 17×12.8×8mm (without connector and hooks)

   • Connector : Tyco Electronics AMP K.K. (PN : 292133-3) or SUMIKO TEC CO., LTD. (PN : GH4A003P000ZA)

   • Output Type : High when the object is present with Pullup Resistor.

4. Lead free and RoHS directive compliant



■ Applications

1. General purpose detection of object presence or motion.

2. Example : PPC, FAX, Printer



 




Similar Part No. - GP1A73AJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A73A SHARP-GP1A73A Datasheet
51Kb / 4P
   Compact OPIC Photointerrupter with Connector
GP1A73A1 SHARP-GP1A73A1 Datasheet
51Kb / 4P
   Compact OPIC Photointerrupter with Connector
More results


Similar Description - GP1A73AJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A073LCS SHARP-GP1A073LCS Datasheet
129Kb / 10P
   Gap : 5mm Slit : 0.5mm OPIC Output, Snap-in type Transmissive Photointerrupter with Connector
GP1A05EJ000F SHARP-GP1A05EJ000F Datasheet
136Kb / 10P
   Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
GP1A05AJ000F SHARP-GP1A05AJ000F Datasheet
151Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
GP1A58HRJ00F SHARP-GP1A58HRJ00F Datasheet
155Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A53HRJ00F SHARP-GP1A53HRJ00F Datasheet
154Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A75EJ000F SHARP-GP1A75EJ000F Datasheet
129Kb / 10P
   Gap : 5mm Slit : 0.5mm OPIC Output, Screw fi xing type Transmissive Photointerrupter with Connector
GP1A51HRJ00F SHARP-GP1A51HRJ00F Datasheet
153Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A52HRJ00F SHARP-GP1A52HRJ00F Datasheet
155Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1S74PJ000F SHARP-GP1S74PJ000F Datasheet
149Kb / 12P
   Gap : 5mm Slit : 0.5mm Phototransistor Output, Snap-in fi xing Transmissive Photointerrupter with Connector
GP1A50HRJ00F SHARP-GP1A50HRJ00F Datasheet
154Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com