Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U30D60C Datasheet (PDF) - Won-Top Electronics

U30D60C Datasheet PDF - Won-Top Electronics
Part # U30D60C
Download  U30D60C Download
File Size   61.28 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 30A GLASS PASSIVATED DUAL SUPEFAST RECTIFIER

U30D60C Datasheet (PDF)

Go To PDF Page Download Datasheet
U30D60C Datasheet PDF - Won-Top Electronics

Part # U30D60C
Download  U30D60C Click to download

File Size   61.28 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 30A GLASS PASSIVATED DUAL SUPEFAST RECTIFIER

U30D60C Datasheet (HTML) - Won-Top Electronics


U30D60C Product details

Features

Glass Passivated Die Construction

Super-Fast Switching

Low Forward Voltage Drop

Low Reverse Leakage Current

High Surge Current Capability

Plastic Material has UL Flammability Classification 94V-O




Similar Part No. - U30D60C

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
U30D60C THINKISEMI-U30D60C Datasheet
720Kb / 2P
30.0 Ampere Dual Common Anode Ultra Fast Recovery Rectifiers
U30D60C THINKISEMI-U30D60C Datasheet
1Mb / 3P
30.0Ampere Heat Sink Dual Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
logo
Won-Top Electronics
U30D60C WTE-U30D60C Datasheet
56Kb / 4P
30A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
September, 2012
More results


Similar Description - U30D60C

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER3001PT WTE-HER3001PT Datasheet
50Kb / 3P
30A HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
SF3001PT WTE-SF3001PT Datasheet
45Kb / 3P
30A SUPER-FAST GLASS PASSIVATED RECTIFIER
ER1000FCT WTE-ER1000FCT_06 Datasheet
56Kb / 4P
10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1600CT WTE-ER1600CT_06 Datasheet
61Kb / 4P
16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
H30D05C WTE-H30D05C Datasheet
55Kb / 4P
30A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
U16D05C WTE-U16D05C Datasheet
59Kb / 4P
16A GLASS PASSIVATED DUAL SUPEFAST RECTIFIER
logo
Nell Semiconductor Co.,...
GBJ30 NELLSEMI-GBJ30 Datasheet
224Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 30A
MTP30 NELLSEMI-MTP30 Datasheet
1Mb / 3P
Glass Passivated Three-Phase Bridge Rectifier, 30A
MTP30X NELLSEMI-MTP30X Datasheet
1Mb / 3P
Glass Passivated Three-Phase Bridge Rectifier, 30A
MTP3016 NELLSEMI-MTP3016 Datasheet
1Mb / 3P
Glass Passivated Three-Phase Bridge Rectifier 30A/1600V
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com