Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N04Q1618C2BX-85C Datasheet (PDF) - AMI SEMICONDUCTOR

N04Q1618C2BX-85C Datasheet PDF - AMI SEMICONDUCTOR
Part # N04Q1618C2BX-85C
Download  N04Q1618C2BX-85C Download

File Size   293.89 Kbytes
Page   13 Pages
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR
Description 4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY

N04Q1618C2BX-85C Datasheet (PDF)

Go To PDF Page Download Datasheet
N04Q1618C2BX-85C Datasheet PDF - AMI SEMICONDUCTOR

Part # N04Q1618C2BX-85C
Download  N04Q1618C2BX-85C Click to download

File Size   293.89 Kbytes
Page   13 Pages
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR
Description 4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY

N04Q1618C2BX-85C Datasheet (HTML) - AMI SEMICONDUCTOR

Back Button N04Q1618C2BX-85C Datasheet HTML 1Page - AMI SEMICONDUCTOR N04Q1618C2BX-85C Datasheet HTML 2Page - AMI SEMICONDUCTOR N04Q1618C2BX-85C Datasheet HTML 3Page - AMI SEMICONDUCTOR N04Q1618C2BX-85C Datasheet HTML 4Page - AMI SEMICONDUCTOR N04Q1618C2BX-85C Datasheet HTML 5Page - AMI SEMICONDUCTOR N04Q1618C2BX-85C Datasheet HTML 6Page - AMI SEMICONDUCTOR N04Q1618C2BX-85C Datasheet HTML 7Page - AMI SEMICONDUCTOR N04Q1618C2BX-85C Datasheet HTML 8Page - AMI SEMICONDUCTOR N04Q1618C2BX-85C Datasheet HTML 9Page - AMI SEMICONDUCTOR N04Q1618C2BX-85C Datasheet HTML 10Page - AMI SEMICONDUCTOR Next Button 

N04Q1618C2BX-85C Product details

Overview
The N04Q16yyC2B are ultra-low power memory devices containing a 4 Mbit Static Random Access Memory organized as 262,144 words by 16 bits. The device is designed and fabricated using AMI Semiconductor’s advanced CMOS technology to provide ultra-low active and standby power.

Features
• Multiple Power Supply Ranges
    1.1V - 1.3V
    1.65V - 1.95V
• Dual Vcc / VccQ Power Supplies
    1.2V Vcc with 3V VccQ
    1.8V Vcc with 3V VccQ
• Very low standby current
    50nA typical for 1.2V operation
• Very low operating current
    400µA typical for 1.2V operation at 1µs
• Very low Page Mode operating current
    80µA typical for 1.2V operation at 1µs
• Simple memory control
    Dual Chip Enables (CE1 and CE2)
    Byte control for independent byte operation
    Output Enable (OE) for memory expansion
• Automatic power down to standby mode
• BGA, TSOP and KGD options
• RoHS Compliant




Similar Part No. - N04Q1618C2BX-85C

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N04Q1618C2BX-15C NANOAMP-N04Q1618C2BX-15C Datasheet
298Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04Q1618C2BX-70C NANOAMP-N04Q1618C2BX-70C Datasheet
298Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
More results


Similar Description - N04Q1618C2BX-85C

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N04Q16YYC2B NANOAMP-N04Q16YYC2B Datasheet
298Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
logo
AMI SEMICONDUCTOR
N04L1630C2B AMI-N04L1630C2B Datasheet
194Kb / 12P
   4Mb Ultra-Low Power Asynchronous CMOS SRAMs 256K 횞 16 bit POWER SAVER TECHNOLOGY TM
logo
NanoAmp Solutions, Inc.
N04L163WC1A NANOAMP-N04L163WC1A Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L1618C2A NANOAMP-N04L1618C2A Datasheet
246Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256Kx16 bit
logo
List of Unclassifed Man...
N04L163WC1C ETC-N04L163WC1C Datasheet
271Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
NanoAmp Solutions, Inc.
N04M1618L1A NANOAMP-N04M1618L1A Datasheet
257Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04M163WL1A NANOAMP-N04M163WL1A Datasheet
246Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
ON Semiconductor
N04L63W1A ONSEMI-N04L63W1A Datasheet
196Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 13
N04L63W2A ONSEMI-N04L63W2A Datasheet
197Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 10
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com