Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM0812 Datasheet (PDF) - Microsemi Corporation

SM0812 Datasheet PDF - Microsemi Corporation
Part # SM0812
Download  SM0812 Download

File Size   177.81 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description CERAMIC MELF PIN DIODES

SM0812 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM0812 Datasheet PDF - Microsemi Corporation

Part # SM0812
Download  SM0812 Click to download

File Size   177.81 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description CERAMIC MELF PIN DIODES

SM0812 Datasheet (HTML) - Microsemi Corporation

SM0812 Datasheet HTML 1Page - Microsemi Corporation SM0812 Datasheet HTML 2Page - Microsemi Corporation

SM0812 Product details

DESCRIPTION
This new line of ‘MELF’ high power PIN diodes are hermetically sealed surface mount packaged devices with full face bonded chips for low inductance construction. The MELF ceramic package has square end terminations which are ideal for surface mount and pick and place operations. The PIN diode chips are coated with a special hard glass passivation which is required for high power applications to enhance the reliability resulting in MTBF’s of greater than one million hours.

• Magnetic/Non-Magnetic“Cer-Met” (MELF) Packages
• Very Low Inductance, Full Faced Bonding
• Hermetic, Low Loss and Low Distortion Applications
• High Volume Manufacturing Capability
• 100% TX Screening Available

APPLICATIONS
    These MELF diodes are used as switching, attenuating and phase shifting elements from HF through 2 GHz and have breakdown voltage ratings up to 700 volts. Non-magnetic “Cer-Met” (MELF’s) are also used as switching elements in MRI (magnetic resonance imaging) applications. Conventional magnetic MELF packages are used in cellular, beam steering applications, filter switch banks, and antenna tuning units..




Similar Part No. - SM0812

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SM08103350 AMETHERM-SM08103350 Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
SM08103370 AMETHERM-SM08103370 Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
SM08103395 AMETHERM-SM08103395 Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
SM08103410 AMETHERM-SM08103410 Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
SM08104410 AMETHERM-SM08104410 Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
More results


Similar Description - SM0812

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MMP70XX-127 MA-COM-MMP70XX-127 Datasheet
682Kb / 4P
   MELF PIN Diodes
logo
Microsemi Corporation
SM0502 MICROSEMI-SM0502_09 Datasheet
166Kb / 3P
   CONTROL DEVICES Surface Mount-Melf pin diodes
logo
Tyco Electronics
MA4PH611 MACOM-MA4PH611 Datasheet
301Kb / 5P
   MELF PIN Diode
logo
M/A-COM Technology Solu...
MADP-000234-10720 MA-COM-MADP-000234-10720_15 Datasheet
75Kb / 2P
   MELF PIN Diode
MADP-000234-10720_V3 MA-COM-MADP-000234-10720_V3 Datasheet
75Kb / 2P
   MELF PIN Diode
MA4PH611 MA-COM-MA4PH611 Datasheet
301Kb / 5P
   MELF PIN Diode
MADP-000234-10720 MA-COM-MADP-000234-10720 Datasheet
75Kb / 2P
   MELF PIN Diode
logo
Jiangsu High diode Semi...
ZM47-SERIES HDSEMI-ZM47-SERIES Datasheet
1Mb / 5P
   MELF Glass-Encapsulate Diodes
logo
M/A-COM Technology Solu...
MA4P7418-1072T MA-COM-MA4P7418-1072T Datasheet
896Kb / 6P
   SMQ MELF PIN Diode
logo
Jiangsu High diode Semi...
LL60 HDSEMI-LL60 Datasheet
1Mb / 4P
   MINI MELF Glass-Encapsulate Diodes
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com