Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM10996-14 Datasheet (PDF) - RF Monolithics, Inc

SM10996-14 Datasheet PDF - RF Monolithics, Inc
Part # SM10996-14
Download  SM10996-14 Download

File Size   15.26 Kbytes
Page   1 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 14-Terminal Surface-Mount Case 10.9 X 9.6 mm Nominal Footprint

SM10996-14 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM10996-14 Datasheet PDF - RF Monolithics, Inc

Part # SM10996-14
Download  SM10996-14 Click to download

File Size   15.26 Kbytes
Page   1 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 14-Terminal Surface-Mount Case 10.9 X 9.6 mm Nominal Footprint

SM10996-14 Datasheet (HTML) - RF Monolithics, Inc

SM10996-14 Datasheet HTML 1Page - RF Monolithics, Inc

SM10996-14 Product details

14-Terminal Surface-Mount Case 10.9 X 9.6 mm Nominal Footprint




Similar Part No. - SM10996-14

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SM109 FRONTIER-SM109 Datasheet
126Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM109-LFR FRONTIER-SM109-LFR Datasheet
126Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
SM109.SA ETC2-SM109.SA Datasheet
3Mb / 4P
   General Purpose Tweezers
More results


Similar Description - SM10996-14

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SM-10 RFM-SM-10 Datasheet
46Kb / 1P
   10-Terminal Surface-Mount Case 13.7 X 9.4 mm Nominal Footprint
XFL8001 RFM-XFL8001 Datasheet
113Kb / 2P
   6-Terminal Surface-Mount Case 5.0 x 7.0 mm Nominal Footprint
SM3838-8 RFM-SM3838-8 Datasheet
44Kb / 1P
   8-Terminal Ceramic Surface-Mount Case 3.8 X 3.8 mm Nominal Footprint
SMP-03 RFM-SMP-03 Datasheet
161Kb / 2P
   10-Terminal Ceramic Surface-Mount Case 7 x 5 mm Nominal Footprint
TQFN-1633 RFM-TQFN-1633 Datasheet
61Kb / 3P
   16-Terminal Ceramic Surface-Mount Case 3.0 X 3.0 mm Nominal Footprint
logo
STANLEY ELECTRIC CO.,LT...
NAG141SP-B STANLEY-NAG141SP-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 9.6 x 13.0 mm
NAR141SH STANLEY-NAR141SH Datasheet
1Mb / 8P
   Numeric Display/Case Size 9.6 x 13.0 mm
logo
Murata Manufacturing Co...
SF2146D MURATA-SF2146D Datasheet
275Kb / 4P
   3.8 X 3.8 X 1.0 mm Surface Mount Case
logo
RF Monolithics, Inc
SF1056B RFM-SF1056B Datasheet
826Kb / 5P
   Hermetic 5 X 7 mm Surface Mount Case
logo
Transko Electronics, In...
TX-F4 TRANSKO-TX-F4 Datasheet
180Kb / 2P
   TCXO/VCTCXO 4PAD SMD (11.4 mm x 9.6 mm)
Rev. 4: July 1, 2019
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com