Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1453 Datasheet (PDF) - NTE Electronics

NTE1453 Datasheet PDF - NTE Electronics
Part # NTE1453
Download  NTE1453 Download

File Size   74.79 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 2−Channel, Low Noise, Equalizier Amp

NTE1453 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1453 Datasheet PDF - NTE Electronics

Part # NTE1453
Download  NTE1453 Click to download

File Size   74.79 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 2−Channel, Low Noise, Equalizier Amp

NTE1453 Datasheet (HTML) - NTE Electronics

NTE1453 Datasheet HTML 1Page - NTE Electronics NTE1453 Datasheet HTML 2Page - NTE Electronics

NTE1453 Product details

Description:

The NTE347 is designed for 13.6 volt, VHF large signal power amplifier applications required in military and industrial equipment operating to 240MHz.



Features:

Low lead inductance stripline package for easier design and increased broadband capability.

Balanced Emitter Construction for increased Safe Operating Area. The NTE347 is designed to withstand an Open or Shorted Load at rated Output Power.

Specified 13.6 volt, 175MHz Characteristics−

      Output Power = 3.0 Watts

      Minimum Gain = 8.2dB

      Efficiency = 50%



Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)

Collector−Emitter Voltage, VCEO . . . . . . . . . . . . .  . . . . . . . . . . . . . . . . . . 18V

Collector−Base Voltage, VCB . . . . . . . . . . . . . . .  . . . . . . . . . . . . . . . . . . 36V

Emitter−Base Voltage, VEB . . . . . . . . . . . . . . . .  . . . . . . . . . . . . . . . . . . 4.0V

Continuous Collector Current, IC . . . . . . . . . .  . . . . . . . . . . . . . . . . . . . 0.6A

Total Device Dissipation (TA = +25°C), PD . . . . . . . .  . . . . . . . . . . . . . 15W

Derate Above 25°C  . . . . . . . . . . . . . . . . .  . . . . . . . . . . . . . . 86mW/°C

Operating Junction Temperature Range, TJ . . . . . . . . .. . −65° to +200°C

Storage Temperature Range, Tstg . . . . . . . . . . . . .  . . . . . . −65° to +200°C




Similar Part No. - NTE1453

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1451 NTE-NTE1451 Datasheet
79Kb / 1P
   Integrated Circuit 2−Channel, Low Noise, Equalizer Amp
NTE1457 NTE-NTE1457 Datasheet
67Kb / 1P
   Integrated Circuit Low Noise, Equailizer Amp
NTE1458 NTE-NTE1458 Datasheet
17Kb / 2P
   Integrated Circuit Dual Audio Preamp
NTE1459 NTE-NTE1459 Datasheet
70Kb / 2P
   Integrated Circuit Low Noise, Equalizier Amp
NTE145A NTE-NTE145A Datasheet
52Kb / 4P
   NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
More results


Similar Description - NTE1453

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1459 NTE-NTE1459 Datasheet
70Kb / 2P
   Integrated Circuit Low Noise, Equalizier Amp
NTE1451 NTE-NTE1451 Datasheet
79Kb / 1P
   Integrated Circuit 2−Channel, Low Noise, Equalizer Amp
NTE1480 NTE-NTE1480 Datasheet
73Kb / 1P
   Integrated Circuit 2−Channel Audio Preamp
NTE1449 NTE-NTE1449 Datasheet
74Kb / 1P
   Integrated Circuit Low Noise Eqalizer Amp
NTE1457 NTE-NTE1457 Datasheet
67Kb / 1P
   Integrated Circuit Low Noise, Equailizer Amp
NTE867 NTE-NTE867 Datasheet
95Kb / 4P
   Integrated Circuit BiMOS Input Op−Amp
NTE1223 NTE-NTE1223 Datasheet
75Kb / 2P
   Integrated Circuit Low Noise High Gain Pre−Amplifier Circuit For General Purpose Audio Pre−Amplifiers
NTE1019 NTE-NTE1019 Datasheet
17Kb / 2P
   Integrated Circuit Module, Hybrid, Low Noise Equalizer Amp
NTE725 NTE-NTE725 Datasheet
24Kb / 3P
   Integrated Circuit Dual Low Noise Preamp/OP Amp
NTE7032 NTE-NTE7032 Datasheet
78Kb / 2P
   Integrated Circuit Module − AF Power Amp, Single Channel, 120W Min
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com