Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5ULM2596 Datasheet (PDF) - GTM CORPORATION

G5ULM2596 Datasheet PDF - GTM CORPORATION
Part # G5ULM2596
Download  G5ULM2596 Download

File Size   504.06 Kbytes
Page   8 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator

G5ULM2596 Datasheet (PDF)

Go To PDF Page Download Datasheet
G5ULM2596 Datasheet PDF - GTM CORPORATION

Part # G5ULM2596
Download  G5ULM2596 Click to download

File Size   504.06 Kbytes
Page   8 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator

G5ULM2596 Datasheet (HTML) - GTM CORPORATION

G5ULM2596 Datasheet HTML 1Page - GTM CORPORATION G5ULM2596 Datasheet HTML 2Page - GTM CORPORATION G5ULM2596 Datasheet HTML 3Page - GTM CORPORATION G5ULM2596 Datasheet HTML 4Page - GTM CORPORATION G5ULM2596 Datasheet HTML 5Page - GTM CORPORATION G5ULM2596 Datasheet HTML 6Page - GTM CORPORATION G5ULM2596 Datasheet HTML 7Page - GTM CORPORATION G5ULM2596 Datasheet HTML 8Page - GTM CORPORATION

G5ULM2596 Product details

Description

The  G5ULM2596  series  of   regulators  are  monolithic  integrated  circuits  that  provide  all  active  functions  f or  a  step-down  (buck)  switching regulator , capable  of  driving 3A load  with  excellent line  and  load  regulation. These devices  are  available in fixed  output  voltage  of  3.3v , 5v , 12v  and  an  adjustable  output  version.  Requiring  a  minimum  number  of   external  components,  these  regulators  are  simple  to  use  and include internal frequency compensation and a fixed-frequency oscillator .



Features

3.3V , 5.0V , 12V and adjustable output versions

Adjustable version output voltage range , 1.2V to 37V ±4% max over line and load conditions

Guaranteed 3A output current

Input voltage range up to 40V

Efficient pre-regulator f or linear regulators

Requires only 4 external components

150kHz fixed frequency internal oscillator

TTL shutdown capability , low power standby mode

High efficiency

Uses readily available standard inductors

Thermal shutdown and current limit protection



Applications

Simple high-efficiency step-down (buck) regulator

On-card switching regulators

Positive to negative converter




Similar Part No. - G5ULM2596

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5ULM2576 GTM-G5ULM2576 Datasheet
356Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
More results


Similar Description - G5ULM2596

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5ELM2596 SECOS-S5ELM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ELM2596 GTM-G5ELM2596 Datasheet
506Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2596 SECOS-S5ULM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
First Components Intern...
LM7596 FCI-LM7596 Datasheet
226Kb / 3P
   LM7596 Simple Switcher Power Converter 150kHz 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
Cystech Electonics Corp...
LM2576-XXE5 CYSTEKEC-LM2576-XXE5 Datasheet
340Kb / 12P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
More results




About GTM CORPORATION


GTM Corporation is a Japanese company that specializes in the design, development, and production of high-quality industrial automation systems and equipment. The company was founded in 1989 and is headquartered in Tokyo, Japan.

GTM Corporation offers a wide range of automation solutions, including custom-made systems for manufacturing, assembly, testing, and inspection processes. The company's products are designed to increase production efficiency and quality while reducing costs and waste.

The company's engineering team has extensive experience in developing advanced automation technologies for a variety of industries, including automotive, electronics, and medical equipment. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

GTM Corporation's products are known for their high quality, reliability, and precision. The company uses advanced technologies and materials to develop automation solutions that are efficient, durable, and cost-effective.

Overall, GTM Corporation is a trusted provider of industrial automation solutions for a variety of industries. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com