Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBAS16 Datasheet (PDF) - GTM CORPORATION

GBAS16 Datasheet PDF - GTM CORPORATION
Part # GBAS16
Download  GBAS16 Download

File Size   144.67 Kbytes
Page   2 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description SURFACE MOUNT,SWITCHING DIODE VOLTAGE 85V,CURRENT 250mA

GBAS16 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBAS16 Datasheet PDF - GTM CORPORATION

Part # GBAS16
Download  GBAS16 Click to download

File Size   144.67 Kbytes
Page   2 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description SURFACE MOUNT,SWITCHING DIODE VOLTAGE 85V,CURRENT 250mA

GBAS16 Datasheet (HTML) - GTM CORPORATION

GBAS16 Datasheet HTML 1Page - GTM CORPORATION GBAS16 Datasheet HTML 2Page - GTM CORPORATION

GBAS16 Product details

Description
The GBAS16 is designed for high-speed switching application in hybrid thick and thin-film circuits. The devices is manufactured by the silicon epitaxial planar process and packed in a plastic surface mount package.




Similar Part No. - GBAS16

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GBAS16 ETL-GBAS16 Datasheet
146Kb / 2P
   The GBAS16 is designed for high-speed switching application in hybrid thick and thin-film circuits
More results


Similar Description - GBAS16

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAS116W SECOS-BAS116W Datasheet
125Kb / 2P
   0.215A , 85V Surface Mount Small Signal Switching Diode
BAS116WS SECOS-BAS116WS Datasheet
500Kb / 2P
   0.215A , 85V Surface Mount Small Signal Switching Diode
logo
SUNMATE electronic Co.,...
BAS16WS-V SUNMATE-BAS16WS-V Datasheet
256Kb / 2P
   250mA Surface Mount Small Signal Fast Switching Diode
logo
SeCoS Halbleitertechnol...
SCS204F SECOS-SCS204F Datasheet
494Kb / 2P
   Voltage 20V, Current 0.1A Surface Mount, Switching Diode
logo
SUNMATE electronic Co.,...
BAV100 SUNMATE-BAV100 Datasheet
97Kb / 2P
   250mA Surface Mount Schottky Barrier Diode
logo
Central Semiconductor C...
PB_CFD4448_1509 CENTRAL-PB_CFD4448_1509 Datasheet
1Mb / 2P
   120V, 250mA Switching Diode
logo
SeCoS Halbleitertechnol...
SCS70DSTL SECOS-SCS70DSTL Datasheet
203Kb / 2P
   0.075A , 85V Plastic-Encapsulated Switching Diode
logo
List of Unclassifed Man...
1SS355PT ETC2-1SS355PT Datasheet
73Kb / 2P
   SURFACE MOUNT SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere
CHN217UPT ETC2-CHN217UPT Datasheet
60Kb / 2P
   SURFACE MOUNT SWITCHING DIODE VOLTAGE 80 Volts CURRENT 0.1 Ampere
1SS400PT ETC1-1SS400PT Datasheet
74Kb / 2P
   SURFACE MOUNT (SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere)
More results




About GTM CORPORATION


GTM Corporation is a Japanese company that specializes in the design, development, and production of high-quality industrial automation systems and equipment. The company was founded in 1989 and is headquartered in Tokyo, Japan.

GTM Corporation offers a wide range of automation solutions, including custom-made systems for manufacturing, assembly, testing, and inspection processes. The company's products are designed to increase production efficiency and quality while reducing costs and waste.

The company's engineering team has extensive experience in developing advanced automation technologies for a variety of industries, including automotive, electronics, and medical equipment. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

GTM Corporation's products are known for their high quality, reliability, and precision. The company uses advanced technologies and materials to develop automation solutions that are efficient, durable, and cost-effective.

Overall, GTM Corporation is a trusted provider of industrial automation solutions for a variety of industries. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com