Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5DS4M32EG Datasheet (PDF) - NanoAmp Solutions, Inc.

NT5DS4M32EG Datasheet PDF - NanoAmp Solutions, Inc.
Part # NT5DS4M32EG
Download  NT5DS4M32EG Download

File Size   1044.46 Kbytes
Page   46 Pages
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.
Description 1M 횞 32 Bits 횞 4 Banks Double Data Rate Synchronous RAM With Bi-Directional Data Strobe and DLL

NT5DS4M32EG Datasheet (PDF)

Go To PDF Page Download Datasheet
NT5DS4M32EG Datasheet PDF - NanoAmp Solutions, Inc.

Part # NT5DS4M32EG
Download  NT5DS4M32EG Click to download

File Size   1044.46 Kbytes
Page   46 Pages
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.
Description 1M 횞 32 Bits 횞 4 Banks Double Data Rate Synchronous RAM With Bi-Directional Data Strobe and DLL

NT5DS4M32EG Datasheet (HTML) - NanoAmp Solutions, Inc.

Back Button NT5DS4M32EG Datasheet HTML 1Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 2Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 3Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 4Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 5Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 6Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 7Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 8Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 9Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 10Page - NanoAmp Solutions, Inc. Next Button 

NT5DS4M32EG Product details

General Overview
The NT5DS4M32EG is 134,217,728 bits of double data rate synchronous dynamic RAM organized as 4 x 1,048,576 bits by 32 I/Os. Synchronous features with Data Strobe allow extremely high performance up to 400Mbps/pin. I/O transactions are possible on both edges of the clock. Range of operating frequencies, programmable burst length and programmable latencies allow the device to be useful for a variety of high performance memory system applications.

Features
• VDD = 2.5V±5% , VDDQ = 2.5V±5%
• SSTL_2 compatible inputs/outputs
• 4 banks operation
• MRS cycle with address key programs
    -CAS latency 2,3 (clock)
    -Burst length (2, 4, 8 and Full page)
    -Burst type (sequential & interleave)
• Full page burst length for sequential burst type only
• Start address of the full page burst should be even
• All inputs except data & DM are sampled at the rising edge of the system clock
• Differential clock input(CK & /CK)
• Data I/O transaction on both edges of Data strobe
• 4 DQS (1 DQS/Byte)
• DLL aligns DQ and DQS transaction with Clock transaction
• Edge aligned data & data strobe output
• Center aligned data & data strobe input
• DM for write masking only
• Auto & self refresh
• 32ms refresh period (4K cycle)
• 144-Ball FBGA package
• Maximum clock frequency up to 200MHz
• Maximum data rate up to 400Mbps/pin




Similar Part No. - NT5DS4M32EG

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
NT5DS16M16CS NANOAMP-NT5DS16M16CS Datasheet
2Mb / 76P
   256Mb DDR Synchronous DRAM
NT5DS16M16CS-5T NANOAMP-NT5DS16M16CS-5T Datasheet
2Mb / 76P
   256Mb DDR Synchronous DRAM
NT5DS16M16CS-6K NANOAMP-NT5DS16M16CS-6K Datasheet
2Mb / 76P
   256Mb DDR Synchronous DRAM
NT5DS16M16CT NANOAMP-NT5DS16M16CT Datasheet
2Mb / 76P
   256Mb DDR Synchronous DRAM
NT5DS16M16CT-5T NANOAMP-NT5DS16M16CT-5T Datasheet
2Mb / 76P
   256Mb DDR Synchronous DRAM
More results


Similar Description - NT5DS4M32EG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D26323RA SAMSUNG-K4D26323RA Datasheet
303Kb / 18P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous RAM with Bi-directional Data Strobe and DLL
K4D263238M SAMSUNG-K4D263238M Datasheet
281Kb / 19P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous RAM with Bi-directional Data Strobe and DLL
K4D263238F SAMSUNG-K4D263238F Datasheet
237Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238A SAMSUNG-K4D263238A Datasheet
298Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238D SAMSUNG-K4D263238D Datasheet
239Kb / 18P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238E SAMSUNG-K4D263238E Datasheet
310Kb / 17P
   1M x 32Bit x 4 Banks Graphic Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
logo
Winbond
W9412G2IB WINBOND-W9412G2IB Datasheet
832Kb / 50P
   1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
W9412G2CB WINBOND-W9412G2CB Datasheet
1Mb / 49P
   1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
W9864G6GH WINBOND-W9864G6GH Datasheet
1Mb / 43P
   1M 횞 4 BANKS 횞 16 BITS SDRAM
W9464G6IH WINBOND-W9464G6IH Datasheet
840Kb / 54P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com