Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1288 Datasheet (PDF) - NTE Electronics

NTE1288 Datasheet PDF - NTE Electronics
Part # NTE1288
Download  NTE1288 Download

File Size   75.28 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Audio Power Amplifier, 10W for Car Radio

NTE1288 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1288 Datasheet PDF - NTE Electronics

Part # NTE1288
Download  NTE1288 Click to download

File Size   75.28 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Audio Power Amplifier, 10W for Car Radio

NTE1288 Datasheet (HTML) - NTE Electronics

NTE1288 Datasheet HTML 1Page - NTE Electronics NTE1288 Datasheet HTML 2Page - NTE Electronics

NTE1288 Product details

Description:

The NTE1288 has improved performance with the same pin configuration as the NTE1232. The additional features of the NTE1232; very low number of external components, ease of assembly, space and cost saving, are maintained. The device provides a high output current capability (up to 3.5A), very low harmonic and cross distortion.

Complete safe operation is guaranteed due to protection against DC and AC short−circuit between all pins and GND, thermal over−range, load dump voltage surge up to 40V, polarity inversion and for tuitous open ground.



 




Similar Part No. - NTE1288

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE128 NTE-NTE128 Datasheet
27Kb / 3P
   Silicon Complementary Transistors Audio Output, Video, Driver
NTE1281 NTE-NTE1281 Datasheet
78Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amplifier, 50W
NTE1282 NTE-NTE1282 Datasheet
79Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amplifier, 35W
NTE1285 NTE-NTE1285 Datasheet
20Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5.8W
NTE1286 NTE-NTE1286 Datasheet
20Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5.8W
More results


Similar Description - NTE1288

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
TDA2003 UTC-TDA2003_15 Datasheet
320Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2003AV TGS-TDA2003AV Datasheet
338Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
TDA2003 ARTSCHIP-TDA2003 Datasheet
647Kb / 9P
   10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
E-TDA2003V STMICROELECTRONICS-E-TDA2003V Datasheet
301Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
TDA2003 STMICROELECTRONICS-TDA2003 Datasheet
152Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_11 Datasheet
316Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
NTE Electronics
NTE1370 NTE-NTE1370 Datasheet
23Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio
NTE1388 NTE-NTE1388 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio, Car Stereo
NTE1232 NTE-NTE1232 Datasheet
25Kb / 3P
   Integrated Circuit Audio Amplifier for Car Radio, 8W
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com