Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F25J10T-E/SP Datasheet (PDF) - Microchip Technology

PIC18F25J10T-E/SP Datasheet PDF - Microchip Technology
Part # PIC18F25J10T-E/SP
Download  PIC18F25J10T-E/SP Download
File Size   5995.35 Kbytes
Page   358 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology

PIC18F25J10T-E/SP Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC18F25J10T-E/SP Datasheet PDF - Microchip Technology

Part # PIC18F25J10T-E/SP
Download  PIC18F25J10T-E/SP Click to download

File Size   5995.35 Kbytes
Page   358 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology

PIC18F25J10T-E/SP Datasheet (HTML) - Microchip Technology


PIC18F25J10T-E/SP Product details

Special Microcontroller Features:
• Operating voltage range: 2.0V to 3.6V
• 5.5V tolerant input (digital pins only)
• On-chip 2.5V regulator
• Low-power, high-speed CMOS Flash technology
• C compiler optimized architecture:
   - Optional extended instruction set designed to
      optimize re-entrant code
• Priority levels for interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
   - Programmable period from 4 ms to 131s
• Single-Supply In-Circuit Serial Programming™
   (ICSP™) via two pins
• In-Circuit Debug (ICD) with three Break points via
   two pins
• Power-Managed modes:
   - Run: CPU on, peripherals on
   - Idle: CPU off, peripherals on
   - Sleep: CPU off, peripherals off

Flexible Oscillator Structure:
• Two Crystal modes, up to 40 MHz
• Two External Clock modes, up to 40 MHz
• Internal 31 kHz oscillator
• Secondary oscillator using Timer1 @ 32 kHz
• Two-Speed Oscillator Start-up
• Fail-Safe Clock Monitor:
   - Allows for safe shutdown if peripheral clock
      stops

Peripheral Highlights:
• High-current sink/source 25 mA/25 mA
   (PORTB and PORTC)
• Three programmable external interrupts
• Four input change interrupts
• One Capture/Compare/PWM (CCP) module
• One Enhanced Capture/Compare/PWM (ECCP)
   module:
   - One, two or four PWM outputs
   - Selectable polarity
   - Programmable dead time
   - Auto-Shutdown and Auto-Restart
• Two Master Synchronous Serial Port (MSSP)
   modules supporting 3-wire SPI™ (all 4 modes)
   and I2C™ Master and Slave modes
• One Enhanced Addressable USART module:
   - Supports RS-485, RS-232 and LIN 1.2
   - Auto-Wake-up on Start bit
   - Auto-Baud Detect
• 10-bit, up to 13-channel Analog-to-Digital
   Converter module (A/D):
   - Auto-acquisition capability
   - Conversion available during Sleep
   - Self-calibration feature
• Dual analog comparators with input multiplexing




Similar Part No. - PIC18F25J10T-E/SP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F25J10T-I/ML MICROCHIP-PIC18F25J10T-I/ML Datasheet
5Mb / 368P
28/40/44-Pin High-Performance, RISC Microcontrollers
2009
PIC18F25J10T-I/MLQTP MICROCHIP-PIC18F25J10T-I/MLQTP Datasheet
5Mb / 368P
28/40/44-Pin High-Performance, RISC Microcontrollers
2009
PIC18F25J10T-I/MLSQTP MICROCHIP-PIC18F25J10T-I/MLSQTP Datasheet
5Mb / 368P
28/40/44-Pin High-Performance, RISC Microcontrollers
2009
PIC18F25J10T-I/P MICROCHIP-PIC18F25J10T-I/P Datasheet
5Mb / 368P
28/40/44-Pin High-Performance, RISC Microcontrollers
2009
PIC18F25J10T-I/PQTP MICROCHIP-PIC18F25J10T-I/PQTP Datasheet
5Mb / 368P
28/40/44-Pin High-Performance, RISC Microcontrollers
2009
More results


Similar Description - PIC18F25J10T-E/SP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2455 MICROCHIP-PIC18F2455_07 Datasheet
7Mb / 430P
28/40/44-Pin, High Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2007
PIC18F45J10 MICROCHIP-PIC18F45J10_09 Datasheet
5Mb / 368P
28/40/44-Pin High-Performance, RISC Microcontrollers
2009
PIC18F23K22 MICROCHIP-PIC18F23K22 Datasheet
5Mb / 492P
28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F47J13 MICROCHIP-PIC18F47J13 Datasheet
4Mb / 558P
28/44-Pin, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F2X MICROCHIP-PIC18F2X Datasheet
5Mb / 496P
28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1824 MICROCHIP-PIC16F1824_11 Datasheet
3Mb / 419P
28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F4550-IP MICROCHIP-PIC18F4550-IP Datasheet
7Mb / 438P
28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2009
PIC18F2455-I MICROCHIP-PIC18F2455-I Datasheet
7Mb / 430P
28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
12/08/06
PIC18LF4455-I-PT MICROCHIP-PIC18LF4455-I-PT Datasheet
7Mb / 438P
28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
03/26/09
PIC18LF2455-I MICROCHIP-PIC18LF2455-I Datasheet
7Mb / 438P
28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
03/26/09
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com