Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F610-I/ST Datasheet (PDF) - Microchip Technology

PIC16F610-I/ST Datasheet PDF - Microchip Technology
Part # PIC16F610-I/ST
Download  PIC16F610-I/ST Download
File Size   2877.72 Kbytes
Page   180 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 14-Pin, Flash-Based 8-Bit CMOS Microcontrollers

PIC16F610-I/ST Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F610-I/ST Datasheet PDF - Microchip Technology

Part # PIC16F610-I/ST
Download  PIC16F610-I/ST Click to download

File Size   2877.72 Kbytes
Page   180 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 14-Pin, Flash-Based 8-Bit CMOS Microcontrollers

PIC16F610-I/ST Datasheet (HTML) - Microchip Technology


PIC16F610-I/ST Product details

DEVICE OVERVIEW

The PIC16F610/616/16HV610/616 is covered by this data sheet. It is available in 14-pin PDIP, SOIC, TSSOP and 16-pin QFN packages.

Block Diagrams and pinout descriptions of the devices are as follows:



   • PIC16F610/16HV610 (Figure 1-1, Table 1-1)

   • PIC16F616/16HV616 (Figure 1-2, Table 1-2)

  

High-Performance RISC CPU:

• Only 35 Instructions to Learn:

   - All single-cycle instructions except branches

• Operating Speed:

   - DC – 20 MHz oscillator/clock input

   - DC – 200 ns instruction cycle

• Interrupt Capability

• 8-Level Deep Hardware Stack

• Direct, Indirect and Relative Addressing modes



Special Microcontroller Features:

• Precision Internal Oscillator:

   - Factory calibrated to ±1%, typical

   - User selectable frequency: 4 MHz or 8 MHz

• Power-Saving Sleep mode

• Voltage Range:

   - PIC16F610/616: 2.0V to 5.5V

   - PIC16HV610/616: 2.0V to user defined maximum (see note)

• Industrial and Extended Temperature Range

• Power-on Reset (POR)

• Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)

• Brown-out Reset (BOR)

• Watchdog Timer (WDT) with Independent Oscillator for Reliable Operation

• Multiplexed Master Clear with Pull-up/Input Pin

• Programmable Code Protection

• High Endurance Flash:

   - 100,000 write Flash endurance

   - Flash retention: > 40 years



Low-Power Features:

• Standby Current:

   - 50 nA @ 2.0V, typical

• Operating Current:

   - 20 μA @ 32 kHz, 2.0V, typical

   - 220 μA @ 4 MHz, 2.0V, typical

• Watchdog Timer Current:

   - 1 μA @ 2.0V, typical

  

Peripheral Features:

• Shunt Voltage Regulator (PIC16HV610/616 only):

   - 5 volt regulation

   - 4 mA to 50 mA shunt range

• 11 I/O Pins and 1 Input Only

   - High current source/sink for direct LED drive

   - Interrupt-on-Change pins

   - Individually programmable weak pull-ups

• Analog Comparator module with:

   - Two analog comparators

   - Programmable on-chip voltage reference (CVREF) module (% of VDD)

   - Fixed Voltage Reference

   - Comparator inputs and outputs externally accessible

   - SR Latch

   - Built-In Hysteresis (user selectable)

• Timer0: 8-Bit Timer/Counter with 8-Bit Programmable Prescaler

• Enhanced Timer1:

   - 16-bit timer/counter with prescaler

   - External Timer1 Gate (count enable)

   - Option to use OSC1 and OSC2 in LP mode as Timer1 oscillator if INTOSC mode selected

   - Timer1 oscillator

• In-Circuit Serial ProgrammingTM (ICSPTM) via Two Pins



PIC16F616/16HV616 only:

• A/D Converter:

   - 10-bit resolution

   - 8 external input channels

   - 2 internal reference channels

• Timer2: 8-Bit Timer/Counter with 8-Bit Period Register, Prescaler and Postscaler

• Enhanced Capture, Compare, PWM module:

   - 16-bit Capture, max. resolution 12.5 ns

   - 16-bit Compare, max. resolution 200 ns

   - 10-bit PWM with 1, 2 or 4 output channels,

programmable “dead time”, max. frequency 20 kHz



 




Similar Part No. - PIC16F610-I/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F610-I/ST MICROCHIP-PIC16F610-I/ST Datasheet
3Mb / 214P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2009
More results


Similar Description - PIC16F610-I/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
16F630 MICROCHIP-16F630 Datasheet
2Mb / 132P
14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
2003
logo
Cirrus Logic
PIC16F616 APEX-PIC16F616 Datasheet
2Mb / 172P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
logo
Microchip Technology
PIC16F630 MICROCHIP-PIC16F630_07 Datasheet
1Mb / 130P
14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
2007
PIC16F630 MICROCHIP-PIC16F630_06 Datasheet
2Mb / 130P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2006
PIC16F630 MICROCHIP-PIC16F630_10 Datasheet
1Mb / 132P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC16F610 MICROCHIP-PIC16F610_09 Datasheet
3Mb / 214P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2009
PIC16F753 MICROCHIP-PIC16F753 Datasheet
4Mb / 238P
14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
11/29/12 2013
PIC16F676-EP MICROCHIP-PIC16F676-EP Datasheet
1Mb / 132P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC16F684T-I MICROCHIP-PIC16F684T-I Datasheet
3Mb / 192P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
12/08/06
PIC16F676-I MICROCHIP-PIC16F676-I Datasheet
1Mb / 132P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com