Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBG250G Datasheet (PDF) - Sanyo Semicon Device

DBG250G Datasheet PDF - Sanyo Semicon Device
Part # DBG250G
Download  DBG250G Download

File Size   36.54 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Diffused Junction Silicon Diode 25A Single-Phase Bridge Rectifier

DBG250G Datasheet (PDF)

Go To PDF Page Download Datasheet
DBG250G Datasheet PDF - Sanyo Semicon Device

Part # DBG250G
Download  DBG250G Click to download

File Size   36.54 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Diffused Junction Silicon Diode 25A Single-Phase Bridge Rectifier

DBG250G Datasheet (HTML) - Sanyo Semicon Device

DBG250G Datasheet HTML 1Page - Sanyo Semicon Device DBG250G Datasheet HTML 2Page - Sanyo Semicon Device DBG250G Datasheet HTML 3Page - Sanyo Semicon Device

DBG250G Product details

25A Single-Phase Bridge Rectifier

Features
• Glass passivation for high reliability.
• Plastic molded structure.
• Peak reverse voltage : VRM=600V.
• Average output current : IO=25A.




Similar Part No. - DBG250G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBG25PNBT ETC2-DBG25PNBT Datasheet
745Kb / 6P
   PCB layouts
DBG25PNBT ETC2-DBG25PNBT Datasheet
745Kb / 6P
   PCB layouts
DBG25PNBTD ETC2-DBG25PNBTD Datasheet
811Kb / 6P
   Plug viewed from above, socket viewed from below.
DBG25PWBT ETC2-DBG25PWBT Datasheet
745Kb / 6P
   PCB layouts
More results


Similar Description - DBG250G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA500G SANYO-DBA500G Datasheet
48Kb / 3P
   Diffused Junction Silicon Diode 50A Single-Phase Bridge Rectifier
DBD250 SANYO-DBD250 Datasheet
47Kb / 3P
   Diffused Junction Silicon Diode 25.0A Single-Phase Bridge Rectifier
DBG150G SANYO-DBG150G Datasheet
36Kb / 3P
   Diffused Junction Silicon Diode 15A Single-Phase Bridge Rectifier
logo
List of Unclassifed Man...
KBJ2510 ETC-KBJ2510 Datasheet
50Kb / 2P
   25A SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Won-Top Electronics
KBPC25S WTE-KBPC25S Datasheet
66Kb / 4P
   25A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF250 SANYO-DBF250 Datasheet
21Kb / 3P
   25A Single-Phase Bridge Rectifier
logo
TAITRON Components Inco...
MB2505W TAITRON-MB2505W Datasheet
143Kb / 4P
   25A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBJ25A WTE-KBJ25A_06 Datasheet
76Kb / 4P
   25A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB2505 TAITRON-MB2505 Datasheet
143Kb / 4P
   25A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBPC25 WTE-KBPC25 Datasheet
54Kb / 4P
   25A SINGLE-PHASE BRIDGE RECTIFIER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com