Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBJ200-04J Datasheet (PDF) - Sanyo Semicon Device

SBJ200-04J Datasheet PDF - Sanyo Semicon Device
Part # SBJ200-04J
Download  SBJ200-04J Download

File Size   35.41 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode (Twin TypeCathode Common) 40V, 20A Rectifier

SBJ200-04J Datasheet (PDF)

Go To PDF Page Download Datasheet
SBJ200-04J Datasheet PDF - Sanyo Semicon Device

Part # SBJ200-04J
Download  SBJ200-04J Click to download

File Size   35.41 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode (Twin TypeCathode Common) 40V, 20A Rectifier

SBJ200-04J Datasheet (HTML) - Sanyo Semicon Device

SBJ200-04J Datasheet HTML 1Page - Sanyo Semicon Device SBJ200-04J Datasheet HTML 2Page - Sanyo Semicon Device SBJ200-04J Datasheet HTML 3Page - Sanyo Semicon Device

SBJ200-04J Product details

40V, 20A Rectifier

Features
• Small reverse current (IR typ=10µA) due to adoption of MRJ (Multi Refined PN Junction) structure.
• Low forward voltage (VF typ=0.48V).
• High temperature operation is possible (Tj=150°C).
• High surge breakdown voltage.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SBJ200-04J

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBJ200-06J SANYO-SBJ200-06J Datasheet
36Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 20A Rectifier
More results


Similar Description - SBJ200-04J

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBR200-16JS SANYO-SBR200-16JS Datasheet
40Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 20A Rectifier
SBT250-04Y SANYO-SBT250-04Y Datasheet
35Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 25A Rectifier
SBJ200-06J SANYO-SBJ200-06J Datasheet
36Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 20A Rectifier
SBT150-04J SANYO-SBT150-04J Datasheet
38Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 15A Rectifier
SBR200-10G SANYO-SBR200-10G Datasheet
50Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 20A Rectifier
SBT250-04R SANYO-SBT250-04R Datasheet
36Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 25A Rectifier
SBT150-04Y SANYO-SBT150-04Y Datasheet
35Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 15A Rectifier
SBR200-10JS SANYO-SBR200-10JS Datasheet
50Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 20A Rectifier
SBT350-04R SANYO-SBT350-04R Datasheet
36Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 35A Rectifier
SBT80-04J SANYO-SBT80-04J Datasheet
38Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 8A Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com