Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP100X Datasheet (PDF) - RICOH electronics devices division

RP100X Datasheet PDF - RICOH electronics devices division
Part # RP100X
Download  RP100X Download

File Size   1152.51 Kbytes
Page   28 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description LOW NOISE 200mA LDO REGULATOR

RP100X Datasheet (PDF)

Go To PDF Page Download Datasheet
RP100X Datasheet PDF - RICOH electronics devices division

Part # RP100X
Download  RP100X Click to download

File Size   1152.51 Kbytes
Page   28 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description LOW NOISE 200mA LDO REGULATOR

RP100X Datasheet (HTML) - RICOH electronics devices division

Back Button RP100X Datasheet HTML 1Page - RICOH electronics devices division RP100X Datasheet HTML 2Page - RICOH electronics devices division RP100X Datasheet HTML 3Page - RICOH electronics devices division RP100X Datasheet HTML 4Page - RICOH electronics devices division RP100X Datasheet HTML 5Page - RICOH electronics devices division RP100X Datasheet HTML 6Page - RICOH electronics devices division RP100X Datasheet HTML 7Page - RICOH electronics devices division RP100X Datasheet HTML 8Page - RICOH electronics devices division RP100X Datasheet HTML 9Page - RICOH electronics devices division RP100X Datasheet HTML 10Page - RICOH electronics devices division Next Button 

RP100X Product details

OUTLINE
The RP100x Series are CMOS-based voltage regulator ICs with high output voltage accuracy, extremely low supply current, low ON-resistance, and high ripple rejection. Each of these ICs consists of a voltage reference unit, an error amplifier, resistor-net for voltage setting, a current limit circuit, and a chip enable circuit.
These ICs perform with low dropout voltage and a chip enable function. The line transient response and load transient response of the RP100x Series are excellent, thus these ICs are very suitable for the power supply for hand-held communication equipment.
The output voltage of these ICs is fixed with high accuracy. Since the packages for these ICs are SOT-23-5 and PLP1612-4, therefore high density mounting of the ICs on boards is possible.

FEATURES
• Supply Current ........................................Typ. 18µA
• Standby Current ......................................Typ. 0.1µA
• Dropout Voltage ......................................Typ. 0.13V (IOUT=150mA, VOUT=2.8V)
• Ripple Rejection.......................................Typ. 75dB (f=1kHz)
• Temperature-Drift Coefficient of Output Voltage ...Typ. ±30ppm/°C
• Line Regulation ........................................Typ. 0.02%/V
• Output Voltage Accuracy...........................±0.8%
• Packages ..................................................PLP1612-4, SOT-23-5
• Input Voltage Range .................................1.7V to 5.25V
• Output Voltage ..........................................1.2V, 1.3V, 1.5V, 1.8V, 1.85V, 1.9V, 2.0V, 2.1V, 2.5V,
                                                                      2.6V, 2.7V, 2.8V, 2.85V, 2.9V, 3.0V, 3.1V, 3.3V
• Built-in Fold Back Protection Circuit .....................Typ. 40mA (Current at short mode)
• Ceramic capacitors are recommended to be used with this IC .....1.0µF or more

APPLICATIONS
• Power source for portable communication equipment.
• Power source for electrical appliances such as cameras, VCRs and camcorders.
• Power source for battery-powered equipment.




Similar Part No. - RP100X

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
RP100 DEC-RP100 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
Recom International Pow...
RP100-4805S RECOM-RP100-4805S Datasheet
107Kb / 6P
   100 Watt Isolated Single & Dual Output
RP100-4805S RECOM-RP100-4805S Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
RP100-4805SB RECOM-RP100-4805SB Datasheet
96Kb / 4P
   100 Watt Single Output
RP100-4805SN RECOM-RP100-4805SN Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
More results


Similar Description - RP100X

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
   200mA,Ultra-low Noise LDO Regulator
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
   DUAL, LOW-NOISE, 200mA LDO REGULATOR
logo
Lowpower Semiconductor ...
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
   200mA,Ultra-low Noise LDO Regulator
logo
Exar Corporation
SP6260 EXAR-SP6260_11 Datasheet
738Kb / 13P
   200mA RF Low Noise LDO Regulator
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_07 Datasheet
132Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
logo
List of Unclassifed Man...
RT9177 ETC-RT9177 Datasheet
262Kb / 12P
   Ultra-Low-Noise 200mA LDO Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com