Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AK4341 Datasheet (PDF) - Asahi Kasei Microsystems

AK4341 Datasheet PDF - Asahi Kasei Microsystems
Part No. AK4341
Download  AK4341 Click to view

File Size   352.63 Kbytes
Page   18 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output

AK4341 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4341 Datasheet PDF - Asahi Kasei Microsystems

Part No. AK4341
Download  AK4341 Click to view

File Size   352.63 Kbytes
Page   18 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output

AK4341 Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK4341 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4341 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4341 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4341 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4341 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4341 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4341 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4341 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4341 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4341 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK4341 Product details

GENERAL DESCRIPTION
The AK4341 is the 24bit DAC with 2Vrms line output for cost and performance based audio systems. Using AKMs multi bit architecture for its modulator, the AK4341 delivers a wide dynamic range while preserving linearity for improved THD+N performance. The AK4341 integrates a combination of SCF and CTF filters increasing performance for systems with excessive clock jitter. The 24 Bit word length and 192kHz sampling rate make this part ideal for a wide range of applications such as digital STB, DVD, AC-3 receiver system, etc. The AK4341 is offered in a space saving 16pin TSSOP package.

FEATURES
□ Sampling Rate Ranging from 8kHz to 192kHz
□ 128 times Oversampling (Normal Speed Mode)
□ 64 times Oversampling (Double Speed Mode)
□ 32 times Oversampling (Quad Speed Mode)
□ 24-Bit 8 times FIR Digital Filter
□ SCF with High Tolerance to Clock Jitter
□ 2nd Order Analog LPF
□ Single Ended Output Buffer
□ Digital de-emphasis
□ Soft mute
□ I/F format: 24-Bit MSB justified or I2S
□ Master clock: 256fs, 384fs, 512fs, 768fs or 1152fs (Normal Speed Mode)
    256fs or 384fs (Double Speed Mode)
    128fs, 192fs (Quad Speed Mode)
□ THD+N: -86dB
□ Dynamic Range: 100dB
□ Power supply: 3.0 ∼ +3.6V (DAC), +8.55 ∼ +12.6V (Output Buffer)
□ Ta = -20 to 85°C
□ Very Small Package: 16pin TSSOP (6.4mm x 5.0mm)



Similar Part No. - AK4341

ManufacturerPart No.DatasheetDescription
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4341 AKM-AK4341 Datasheet
419Kb / 23P
   192kHz sampling 24Bit ?誇 DAC
More results

Similar Description - AK4341

ManufacturerPart No.DatasheetDescription
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4340 AKM-AK4340 Datasheet
253Kb / 21P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
List of Unclassifed Manufacturers
List of Unclassifed Man...
AK4420 ETC2-AK4420 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4425A AKM-AK4425A Datasheet
451Kb / 27P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
Cirrus Logic
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
   24-bit 192kHz Stereo DAC with 2Vrms
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421 AKM-AK4421 Datasheet
370Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4430 AKM-AK4430 Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz