Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5358A Datasheet (PDF) - Asahi Kasei Microsystems

AK5358A Datasheet PDF - Asahi Kasei Microsystems
Part # AK5358A
Download  AK5358A Download

File Size   268.13 Kbytes
Page   18 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 96kHz 24-Bit ?誇 ADC

AK5358A Datasheet (PDF)

Go To PDF Page Download Datasheet
AK5358A Datasheet PDF - Asahi Kasei Microsystems

Part # AK5358A
Download  AK5358A Click to download

File Size   268.13 Kbytes
Page   18 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 96kHz 24-Bit ?誇 ADC

AK5358A Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK5358A Datasheet HTML 1Page - Asahi Kasei Microsystems AK5358A Datasheet HTML 2Page - Asahi Kasei Microsystems AK5358A Datasheet HTML 3Page - Asahi Kasei Microsystems AK5358A Datasheet HTML 4Page - Asahi Kasei Microsystems AK5358A Datasheet HTML 5Page - Asahi Kasei Microsystems AK5358A Datasheet HTML 6Page - Asahi Kasei Microsystems AK5358A Datasheet HTML 7Page - Asahi Kasei Microsystems AK5358A Datasheet HTML 8Page - Asahi Kasei Microsystems AK5358A Datasheet HTML 9Page - Asahi Kasei Microsystems AK5358A Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK5358A Product details

GENERAL DESCRIPTION

The AK5358A is a stereo A/D Converter with wide sampling rate of 8kHz ∼96kHz and is suitable for consumer to professional audio system. The AK5358A achieves high accuracy and low cost by using Enhanced dual bit ΔΣtechniques. The AK5358A requires no external components because the analog inputs are single-ended. The audio interface has two formats (MSB justified, I2S) and can correspond to various systems like DTV, DVR and AV Receiver.



FEATURES

†Linear Phase Digital Anti-Alias Filtering

†Single-ended Input

†Digital HPF for DC-Offset cancel

†S/(N+D):  92dB

†DR: 102dB

†S/N: 102dB

†Sampling Rate Ranging from 8kHz to 96kHz

†Master Clock:

   256fs/384fs/512fs/768fs (8kHz ∼48kHz)

   256fs/384fs (48kHz ∼96kHz)

†Input level: TTL/CMOS

†Master / Slave Mode

†Audio Interface: 24bit MSB justified / I2S selectable

†Power Supply: 4.5 ∼5.5V (Analog), 2.7 ∼5.5V (Digital)

†Ta = −20 ∼85°C

†Small 16pin TSSOP Package

†AK5357/58/59/81 Pin-compatible




Similar Part No. - AK5358A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
More results


Similar Description - AK5358A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
AK5367 AKM-AK5367 Datasheet
493Kb / 28P
   96kHz 24-Bit ?誇 ADC with 0V Bias Selector
AK5367A AKM-AK5367A Datasheet
493Kb / 28P
   96kHz 24-Bit ?誇 ADC with 0V Bias Selector
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357_09 Datasheet
301Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357 Datasheet
135Kb / 19P
   24Bit 96kHz ?誇 ADC
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
   96kHz 24-Bit ADC
AK4386ET AKM-AK4386ET Datasheet
237Kb / 18P
   100dB 96kHz 24-Bit 2ch ?誇 DAC
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com