Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13175D Datasheet (PDF) - LANSDALE Semiconductor Inc.

MC13175D Datasheet PDF - LANSDALE Semiconductor Inc.
Part # MC13175D
Download  MC13175D Download

File Size   579.69 Kbytes
Page   16 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description UHF FM/AM Transmitter

MC13175D Datasheet (PDF)

Go To PDF Page Download Datasheet
MC13175D Datasheet PDF - LANSDALE Semiconductor Inc.

Part # MC13175D
Download  MC13175D Click to download

File Size   579.69 Kbytes
Page   16 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description UHF FM/AM Transmitter

MC13175D Datasheet (HTML) - LANSDALE Semiconductor Inc.

Back Button MC13175D Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC13175D Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC13175D Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC13175D Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC13175D Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC13175D Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC13175D Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC13175D Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC13175D Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC13175D Datasheet HTML 10Page - LANSDALE Semiconductor Inc. Next Button 

MC13175D Product details

Legacy Device: Motorola MC13175, MC13176



The ML13175 and ML13176 are one chip FM/AM transmitter subsystems designed for AM/FM communication systems. they include a Colpitts crystal reference oscillator, UHF oscillator, ÷ 8 (ML13175) or ÷ 32 (ML13176) prescaler and phase detector forming a versatile PLL system. Targeted applications are in the 260 to 470MHz band and 902 to 982 MHz band covered by FCC Title 47; Part 15. Other applications include local oscillator sources in UHF and 900 MHz receivers, UHF and 900 MHz video transmitters, RF Local Area Networks (LAN), and high frequency clock drivers. ML13175/76 offer the fol lowing features;



• UHF Current Controlled Oscillator

• Uses Easily Available 3rd Overtone or Fundamental Crystals for Reference

• Fewer External Parts Required

• Low Operating Supply Voltage (1.8 to 5.0 Vdc)

• Low Supply Drain Currents

• Power Output Adjustable (Up to + 10 dBm )

• Differential Output for Loop Antenna or Balun Transformer Networks

• Power Down Feature

• ASK Modulated by Switching Output On and Off

• (ML13175) fo = 8 x fref, (ML13176) fo = 32 x fref

• Operating Temperature Range - TA = -40° to +85°C



 




Similar Part No. - MC13175D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13175D MOTOROLA-MC13175D Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
LANSDALE Semiconductor ...
MC13175D LANSDALE-MC13175D Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
More results


Similar Description - MC13175D

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2740B TEMIC-U2740B Datasheet
264Kb / 10P
   UHF AM/FM Transmitter
logo
Motorola, Inc
MC13176 MOTOROLA-MC13176 Datasheet
748Kb / 18P
   UHF FM/AM Transmitter
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13175 MOTOROLA-MC13175 Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
List of Unclassifed Man...
CMX017 ETC-CMX017 Datasheet
372Kb / 12P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
Radiometrix Ltd
TX2H-433-64-5V RADIOMETRIX-TX2H-433-64-5V Datasheet
226Kb / 5P
   UHF High Power FM Transmitter
TX2H-4XX-64 RADIOMETRIX-TX2H-4XX-64 Datasheet
228Kb / 5P
   UHF High Power FM Transmitter
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com