Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB1CFA111560200 Datasheet (PDF) - Bookham, Inc.

CB1CFA111560200 Datasheet PDF - Bookham, Inc.
Part # CB1CFA111560200
Download  CB1CFA111560200 Download

File Size   203.32 Kbytes
Page   6 Pages
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.
Description Banded Skip Filters for 100GHz Add/Drop Multiplexing

CB1CFA111560200 Datasheet (PDF)

Go To PDF Page Download Datasheet
CB1CFA111560200 Datasheet PDF - Bookham, Inc.

Part # CB1CFA111560200
Download  CB1CFA111560200 Click to download

File Size   203.32 Kbytes
Page   6 Pages
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.
Description Banded Skip Filters for 100GHz Add/Drop Multiplexing

CB1CFA111560200 Datasheet (HTML) - Bookham, Inc.

CB1CFA111560200 Datasheet HTML 1Page - Bookham, Inc. CB1CFA111560200 Datasheet HTML 2Page - Bookham, Inc. CB1CFA111560200 Datasheet HTML 3Page - Bookham, Inc. CB1CFA111560200 Datasheet HTML 4Page - Bookham, Inc. CB1CFA111560200 Datasheet HTML 5Page - Bookham, Inc. CB1CFA111560200 Datasheet HTML 6Page - Bookham, Inc.



Similar Part No. - CB1CFA111560200

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
CB1CFA111560200 BOOKHAM-CB1CFA111560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
More results


Similar Description - CB1CFA111560200

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
CB1SLU111560200 BOOKHAM-CB1SLU111560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
CBWSLU1115533290653 BOOKHAM-CBWSLU1115533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
MXWL04010315 BOOKHAM-MXWL04010315 Datasheet
169Kb / 3P
   4 Band (10-skip-0) Optical Add/Drop Multiplexer for 40 Channel systems
logo
JDS Uniphase Corporatio...
MDX-01AD1018B JDSU-MDX-01AD1018B Datasheet
238Kb / 4P
   100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
logo
OPLINK Communications I...
OFMSMMD OPLINK-OFMSMMD Datasheet
213Kb / 2P
   Add/Drop Optical Fiber Switches
OFMSSMD OPLINK-OFMSSMD Datasheet
308Kb / 2P
   Add/Drop Optical Fiber Switches
logo
MRV Communications, Inc...
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
   CWDM Passive Optical Add/Drop Multiplexers
logo
JDS Uniphase Corporatio...
ADM-1F2721010 JDSU-ADM-1F2721010 Datasheet
92Kb / 4P
   Filter Add/Drop Module 100 GHz Spacing
More results




About Bookham, Inc.


Bookham, Inc. was a telecommunications equipment company that specialized in the design, development, and manufacturing of optical components and subsystems used in fiber optic communication networks. The company was founded in the UK in 1988 and had its headquarters in San Jose, California.

Bookham's products included optical transceivers, amplifiers, multiplexers, and passive components such as fiber optic couplers, isolators, and filters. The company's products were used in a variety of applications, including telecommunications, data communications, and cable TV networks.

In 2009, Bookham merged with another optical components company, Avanex Corporation, to form a new company called Oclaro, Inc. Oclaro continued to focus on the development of optical components for high-speed communications networks, and in 2018, it was acquired by Lumentum Holdings Inc., a leading provider of photonics products for the telecom, datacom, and consumer markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com