Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55-C Datasheet (PDF) - Pan Jit International Inc.

BZX55-C Datasheet PDF - Pan Jit International Inc.
Part # BZX55-C
Download  BZX55-C Download

File Size   126.22 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description AXIAL LEAD ZENER DIODES

BZX55-C Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX55-C Datasheet PDF - Pan Jit International Inc.

Part # BZX55-C
Download  BZX55-C Click to download

File Size   126.22 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description AXIAL LEAD ZENER DIODES

BZX55-C Datasheet (HTML) - Pan Jit International Inc.

BZX55-C Datasheet HTML 1Page - Pan Jit International Inc. BZX55-C Datasheet HTML 2Page - Pan Jit International Inc. BZX55-C Datasheet HTML 3Page - Pan Jit International Inc. BZX55-C Datasheet HTML 4Page - Pan Jit International Inc.

BZX55-C Product details

FEATURES
• Planar Die construction
• 500mW Power Dissipation
• Ideally Suited for Automated Assembly Processes
• Both normal and Pb free product are available :
    Normal : 80~95% Sn, 5~20% Pb
    Pb free: 98.5% Sn above




Similar Part No. - BZX55-C

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BZX55-C0V8 GE-BZX55-C0V8 Datasheet
298Kb / 6P
   ZENER DIODES
logo
List of Unclassifed Man...
BZX55-C0V8 ETC-BZX55-C0V8 Datasheet
119Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
GOOD-ARK Electronics
BZX55-C0V8 GOOD-ARK-BZX55-C0V8 Datasheet
316Kb / 7P
   Zener Diodes
logo
New Jersey Semi-Conduct...
BZX55-C0V8 NJSEMI-BZX55-C0V8 Datasheet
178Kb / 2P
   ZENER DIODES
logo
General Semiconductor
BZX55-C10 GE-BZX55-C10 Datasheet
298Kb / 6P
   ZENER DIODES
More results


Similar Description - BZX55-C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GDZ2.0 PANJIT-GDZ2.0 Datasheet
66Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Weitron Technology
BZX85C WEITRON-BZX85C Datasheet
870Kb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0_08 Datasheet
92Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
2EZ5.6D5 ANOVA-2EZ5.6D5 Datasheet
245Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55C2V4 PANJIT-BZX55C2V4 Datasheet
80Kb / 3P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
1N4728A ANOVA-1N4728A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
1N5919B ANOVA-1N5919B Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0 Datasheet
146Kb / 5P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
3EZ5.6D5 ANOVA-3EZ5.6D5 Datasheet
251Kb / 3P
   Axial Lead Zener Diodes
logo
Weitron Technology
1N4728A WEITRON-1N4728A_10 Datasheet
2Mb / 4P
   Axial Lead Zener Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com